Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 382 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 382 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 378Page - Intel Corporation 82G33 Datasheet HTML 379Page - Intel Corporation 82G33 Datasheet HTML 380Page - Intel Corporation 82G33 Datasheet HTML 381Page - Intel Corporation 82G33 Datasheet HTML 382Page - Intel Corporation 82G33 Datasheet HTML 383Page - Intel Corporation 82G33 Datasheet HTML 384Page - Intel Corporation 82G33 Datasheet HTML 385Page - Intel Corporation 82G33 Datasheet HTML 386Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 382 / 437 page
background image
Electrical Characteristics
382
Datasheet
2.
These rails are filtered from other voltage rails on the platform and should be measured at the
input of the filter. See the Platform Design Guide for proper implementation of the filter circuits.
3.
VCCA_DAC voltage tolerance should only be measured when the DAC is turned ON and at a
stable resolution setting. Any noise on the DAC during power on or display resolution changes do
not impact the circuit.
4.
MCH supports both Vtt=1.2V nominal and Vtt=1.1V nominal depending on the identified
processor.
11.4.2
General DC Characteristics
Platform Reference Voltages at the top of the following table are specified at DC only.
Vref measurements should be made with respect to the supply voltage. Customers
should refer to the Platform Design Guide for proper decoupling of the Vref voltage
dividers on the platform.
Table 11-6. DC Characteristics
Symbol
Parameter
Min
Nom
Max
Unit Notes
Reference Voltages
FSB_DVREF
FSB_ACCVREF
Host Data, Address, and
Common Clock Signal
Reference Voltages
0.666 x
VTT_FSB
–2%
0.666 x
VTT_FSB
0.666 x
VTT_FSB
+2%
V
FSB_SWING
Host Compensation Reference
Voltage
0.25 x VTT_FSB
–2%
0.25 x
VTT_FSB
0.25 x VTT_FSB
+2%
V
CL_VREF
Controller Link Reference
Voltage
0.270 x VCC_CL
0.279 x
VCC_CL
0.287 x
VCC_CL
V
DDR_VREF
DDR2/DDR3 Reference Voltage
0.49 x
VCC_DDR
0.50 x
VCC_DDR
0.51 x
VCC_DDR
V
Host Interface
VIL_H
Host GTL+ Input Low Voltage
-0.10
0
(0.666 x
VTT_FSB) - 0.1
V
VIH_H
Host GTL+ Input High Voltage
(0.666 x
VTT_FSB) + 0.1
VTT_FSB
VTT_FSB + 0.1
V
VOL_H
Host GTL+ Output Low Voltage
—
—
(0.25 x
VTT_FSB) + 0.1
V
VOH_H
Host GTL+ Output High Voltage VTT_FSB – 0.1
—
VTT_FSB
V
IOL_H
Host GTL+ Output Low Current
—
—
VTT_FSBmax *
(1-0.25) /
Rttmin
mA
Rttmin =
47.5 Ω
ILEAK_H
Host GTL+ Input Leakage
Current
—
—
45
μA
VOL<
Vpad<
Vtt_FSB
CPAD
Host GTL+ Input Capacitance
2.0
—
2.5
pF
CPCKG
Host GTL+ Input Capacitance
(common clock)
0.90
—
2.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com