Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 384 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 384 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 380Page - Intel Corporation 82G33 Datasheet HTML 381Page - Intel Corporation 82G33 Datasheet HTML 382Page - Intel Corporation 82G33 Datasheet HTML 383Page - Intel Corporation 82G33 Datasheet HTML 384Page - Intel Corporation 82G33 Datasheet HTML 385Page - Intel Corporation 82G33 Datasheet HTML 386Page - Intel Corporation 82G33 Datasheet HTML 387Page - Intel Corporation 82G33 Datasheet HTML 388Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 437 page
background image
Electrical Characteristics
384
Datasheet
Symbol
Parameter
Min
Nom
Max
Unit Notes
VRX_CM-ACp
AC Peak Common Mode Input
Voltage
—
—
150
mV
Input Clocks
VIL
Input Low Voltage
-0.150
0
N/A
V
VIH
Input High Voltage
0.660
0.710
0.850
V
VCROSS(ABS)
Absolute Crossing Voltage
0.300
N/A
0.550
V
6,7,8
ΔVCROSS(REL)
Range of Crossing Points
N/A
N/A
0.140
V
CIN
Input Capacitance
1
3
pF
SDVO_CTRLDATA, SDVO_CTRLCLK
VIL
Input Low Voltage
—
0.75
V
VIH
Input High Voltage
1.75
—
V
ILEAK
Input Leakage Current
—
—
± 10
μA
CIN
Input Capacitance
—
—
10.0
pF
IOL
Output Low Current (CMOS
Outputs)
—
—
7.8
mA
@ 50%
swing
IOH
Output High Current (CMOS
Outputs)
-1
—
mA
@ 50%
swing
VOL
Output Low Voltage (CMOS
Outputs)
—
0.4
V
VOH
Output High Voltage (CMOS
Outputs)
2.25
—
V
CRT_DDC_DATA, CRT_DDC_CLK
VIL
Input Low Voltage
—
0.9
V
VIH
Input High Voltage
2.1
—
V
ILEAK
Input Leakage Current
—
—
± 10
μA
CIN
Input Capacitance
—
—
10.0
pF
IOL
Output Low Current (CMOS
Outputs)
—
—
27.0
mA
@ 50%
swing
IOH
Output High Current (CMOS
Outputs)
-1
—
mA
@ 50%
swing
VOL
Output Low Voltage (CMOS
Outputs)
—
0.4
V
VOH
Output High Voltage (CMOS
Outputs)
2.7
—
V
CL_DATA, CL_CLK
VIL
Input Low Voltage
—
0.277
V
VIH
Input High Voltage
0.427
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com