Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 383 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 383 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 379Page - Intel Corporation 82G33 Datasheet HTML 380Page - Intel Corporation 82G33 Datasheet HTML 381Page - Intel Corporation 82G33 Datasheet HTML 382Page - Intel Corporation 82G33 Datasheet HTML 383Page - Intel Corporation 82G33 Datasheet HTML 384Page - Intel Corporation 82G33 Datasheet HTML 385Page - Intel Corporation 82G33 Datasheet HTML 386Page - Intel Corporation 82G33 Datasheet HTML 387Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 437 page
background image
Electrical Characteristics
Datasheet
383
Symbol
Parameter
Min
Nom
Max
Unit Notes
DDR2 System Memory Interface
VIL(DC)
DDR2 Input Low Voltage
—
—
DDR_VREF –
0.125
V
VIH(DC)
DDR2 Input High Voltage
DDR_VREF +
0.125
—
V
VIL(AC)
DDR2 Input Low Voltage
—
—
DDR_VREF –
0.20
V
VIH(AC)
DDR2 Input High Voltage
DDR_VREF +
0.20
—
V
VOL
DDR2 Output Low Voltage
—
—
0.2 * VCC_DDR
V
1
VOH
DDR2 Output High Voltage
0.8 * VCC_DDR
—
V
1
ILeak
Input Leakage Current
—
—
±20
µA
4
ILeak
Input Leakage Current
—
—
±550
µA
5
CI/O
DQ/DQS/DQSB DDR2
Input/Output Pin Capacitance
1.0
—
4.0
pF
DDR3 System Memory Interface
VIL(DC)
DDR3 Input Low Voltage
—
—
DDR_VREF –
0.100
V
VIH(DC)
DDR3 Input High Voltage
DDR_VREF +
0.100
—
V
VIL(AC)
DDR3 Input Low Voltage
—
—
DDR_VREF –
0.175
V
VIH(AC)
DDR3 Input High Voltage
DDR_VREF +
0.175
—
V
VOL
DDR3 Output Low Voltage
—
—
0.2 * VCC_DDR
V
1
VOH
DDR3 Output High Voltage
0.8 * VCC_DDR
—
V
1
ILeak
Input Leakage Current
—
—
±20
µA
4
ILeak
Input Leakage Current
—
—
±550
µA
5
CI/O
DQ/DQS/DQSB DDR3
Input/Output Pin Capacitance
1.0
—
4.0
pF
1.25V PCI Express* Interface 1.1 (includes PCI Express* and Intel® sDVO)
VTX-DIFF P-P
Differential Peak to Peak Output
Voltage
0.800
—
1.2
V
2
VTX_CM-ACp
AC Peak Common Mode Output
Voltage
—
—
20
mV
ZTX-DIFF-DC
DC Differential TX Impedance
80
100
120
Ω
VRX-DIFF p-p
Differential Peak to Peak Input
Voltage
0.175
—
1.2
V
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com