Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 387 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 387 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 383Page - Intel Corporation 82G33 Datasheet HTML 384Page - Intel Corporation 82G33 Datasheet HTML 385Page - Intel Corporation 82G33 Datasheet HTML 386Page - Intel Corporation 82G33 Datasheet HTML 387Page - Intel Corporation 82G33 Datasheet HTML 388Page - Intel Corporation 82G33 Datasheet HTML 389Page - Intel Corporation 82G33 Datasheet HTML 390Page - Intel Corporation 82G33 Datasheet HTML 391Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 437 page
background image
Electrical Characteristics
Datasheet
387
11.4.3
R, G, B / CRT DAC Display DC Characteristics (Intel®
82Q35, 82Q33, 82G33 Only)
These parameters apply to the GMCH.
Table 11-7. R, G, B / CRT DAC Display DC Characteristics: Functional Operating Range
(VCCA_DAC = 3.3 V ± 5%)
Parameter
Min
Typical
Max
Units
Notes
DAC Resolution
8
—
—
Bits
1
Max Luminance (full-scale)
0.665
0.700
0.770
V
1, 2, 4 (white
video level
voltage)
Min Luminance
—
0.000
—
V
1, 3, 4 (black
video level
voltage)
LSB Current
—
73.2
—
μA
4,5
Integral Linearity (INL)
-1.0
—
+1.0
LSB
1,6
Differential Linearity (DNL)
-1.0
—
+1.0
LSB
1,6
Video channel-channel voltage
amplitude mismatch
—
—
6
%
7
Monotonicity
ensured
—
NOTES:
1.
Measured at each R, G, B termination according to the VESA Test Procedure – Evaluation of
Analog Display Graphics Subsystems Proposal (Version 1, Draft 4, December 1, 2000).
2.
Max steady-state amplitude
3.
Min steady-state amplitude
4.
Defined for a double 75 Ω termination.
5.
Set by external reference resistor value.
6.
INL and DNL measured and calculated according to VESA Video Signal Standards.
7.
Max full-scale voltage difference among R, G, B outputs (percentage of steady-state full-scale
voltage).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com