Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 381 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 381 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 377Page - Intel Corporation 82G33 Datasheet HTML 378Page - Intel Corporation 82G33 Datasheet HTML 379Page - Intel Corporation 82G33 Datasheet HTML 380Page - Intel Corporation 82G33 Datasheet HTML 381Page - Intel Corporation 82G33 Datasheet HTML 382Page - Intel Corporation 82G33 Datasheet HTML 383Page - Intel Corporation 82G33 Datasheet HTML 384Page - Intel Corporation 82G33 Datasheet HTML 385Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 437 page
background image
Electrical Characteristics
Datasheet
381
11.4
DC Characteristics
11.4.1
I/O Buffer Supply Voltages
The I/O buffer supply voltage is measured at the MCH package pins. The tolerances
shown in the following table are inclusive of all noise from DC up to 20 MHz. In the
lab, the voltage rails should be measured with a bandwidth limited oscilloscope with a
roll off of 3 dB/decade above 20 MHz under all operating conditions.
The following table indicates which supplies are connected directly to a voltage
regulator or to a filtered voltage rail. For voltages that are connected to a filter, they
should me measured at the input of the filter.
If the recommended platform decoupling guidelines cannot be met, the system
designer will have to make tradeoffs between the voltage regulator output DC
tolerance and the decoupling performance of the capacitor network to stay within the
voltage tolerances listed below.
Table 11-5. I/O Buffer Supply Voltage
Symbol
Parameter
Min
Nom
Max
Unit
Notes
DDR2 I/O Supply Voltage
1.7
1.8
1.9
V
VCC_DDR
DDR3 I/O Supply Voltage
1.425
1.5
1.575
V
DDR2 Clock Supply Voltage
1.7
1.8
1.9
V
VCC_CKDDR
DDR3 Clock Supply Voltage
1.425
1.5
1.575
V
2
VCC_EXP
SDVO, PCI Express* Supply Voltage
1.188
1.25
1.313
V
VCCA_EXP
SDVO, PCI Express* Analog Supply Voltage
3.135
3.3
3.465
V
2
1.2 V System Bus Input
Supply Voltage
1.14
1.2
1.26
V
VTT_FSB
1.1 V System Bus Input
Supply Voltage
1.045
1.1
1.155
V
4
VCC
MCH Core Supply Voltage
1.188
1.25
1.313
V
VCC_CL
Controller Supply Voltage
1.188
1.25
1.313
V
VCC3_3
CMOS Supply Voltage
3.135
3.3
3.465
V
VCCA_DAC
Display DAC Analog Supply Voltage
3.135
3.3
3.465
V
3
VCCD_CRT
Display Digital Supply Voltage
1.425
1.5
1.575
V
1
VCCDQ_CRT
Display Quiet Digital Supply Voltage
1.425
1.5
1.575
V
1
VCCA_HPLL,
VCCAPLL_EXP,
VCCA_DPLLA
,
VCCA_DPLLB,
VCCA_MPLL
Various PLLs’ Analog Supply Voltages
1.188
1.25
1.313
V
2
NOTES:
1.
The VCCD_CRT and VCCDQ_CRT can also operate at a nominal 1.8 V +/- 5% input voltage. Only
the 1.5 V nominal voltage setting will be validated internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com