Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 377 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 377 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 373Page - Intel Corporation 82G33 Datasheet HTML 374Page - Intel Corporation 82G33 Datasheet HTML 375Page - Intel Corporation 82G33 Datasheet HTML 376Page - Intel Corporation 82G33 Datasheet HTML 377Page - Intel Corporation 82G33 Datasheet HTML 378Page - Intel Corporation 82G33 Datasheet HTML 379Page - Intel Corporation 82G33 Datasheet HTML 380Page - Intel Corporation 82G33 Datasheet HTML 381Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 437 page
background image
Electrical Characteristics
Datasheet
377
Table 11-3 shows the maximum power consumption for the MCH in the ACPI S3, S4,
and S5 states with Intel® Active Management Technology support. Platforms that
utilize Intel Active Management Technology will keep DRAM memory powered in S4
and S5. Current consumption used by the MCH will vary between the “Idle” case and
the “Max” case, depending on activity on the Intel® Management Engine. For the
majority of the time, the Intel Management Engine will be in the “Idle” state. In
addition, Max values are measured with fast silicon at 96° C Tcase temperature, at the
Max voltage listed in the following table. The Max values are measured with a
synthetic tool that forces maximum allowable bandwidth on the DRAM interface. It is
unknown if commercial SW management applications will be able to generate this
level of power consumption.
Table 11-3. Current Consumption in S3, S4, S5 with Intel® Active Management
Technology Operation (82Q35 GMCH Only)
Symbol
Parameter
Signal Names
Idle
Max
Unit
Notes
IMCH_CL
1.25 V Supply Current for
MCH with Intel AMT
VCC_CL, VCCA_MPLL,
VCCA_HPLL
625
1501
mA
1,2
IDDR2_PLATFORM
DDR2 System Memory
Interface (1.8 V) Supply
Current in Standby States
with Intel AMT
VCC_DDR,
VCC_CKDDR
143
431
mA
1,2
IDDR3_PLATFORM
DDR3 System Memory
Interface (1.5 V) Supply
Current in Standby States
with Intel AMT
VCC_DDR,
VCC_CKDDR
143
431
mA
1,2
NOTES:
1.
Estimate is only for max current coming through chipset’s supply pins, and is the ICC for the MCH only.
2.
Icc max values are determined on a per-interface basis. Max currents cannot occur
simultaneously on all interfaces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com