Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 374 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 374 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 370Page - Intel Corporation 82G33 Datasheet HTML 371Page - Intel Corporation 82G33 Datasheet HTML 372Page - Intel Corporation 82G33 Datasheet HTML 373Page - Intel Corporation 82G33 Datasheet HTML 374Page - Intel Corporation 82G33 Datasheet HTML 375Page - Intel Corporation 82G33 Datasheet HTML 376Page - Intel Corporation 82G33 Datasheet HTML 377Page - Intel Corporation 82G33 Datasheet HTML 378Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 437 page
background image
Electrical Characteristics
374
Datasheet
11
Electrical Characteristics
This chapter contains the DC specifications for the (G)MCH.
Note: References to SDVO, IGD, DAC Display Interface are for the 82Q35, 82Q33, and
82G33 GMCH only.
11.1
Absolute Minimum and Maximum Ratings
The following table specifies the Intel 82Q35, 82Q33, 82G33 GMCH and 82P35 MCH
absolute maximum and minimum ratings. Within functional operation limits,
functionality and long-term reliability can be expected.
At conditions outside functional operation condition limits, but within absolute
maximum and minimum ratings, neither functionality nor long-term reliability can be
expected. If a device is returned to conditions within functional operation limits after
having been subjected to conditions outside these limits, but within the absolute
maximum and minimum ratings, the device may be functional, but with its lifetime
degraded depending on exposure to conditions exceeding the functional operation
condition limits.
At conditions exceeding absolute maximum and minimum ratings, neither functionality
nor long-term reliability can be expected. Moreover, if a device is subjected to these
conditions for any length of time its reliability will be severely degraded or not
function when returned to conditions within the functional operating condition limits.
Although the (G)MCH contains protective circuitry to resist damage from static electric
discharge, precautions should always be taken to avoid high static voltages or electric
fields.
Table 11-1. Absolute Minimum and Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Notes
Tstorage
Storage Temperature
-55
150
°C
1
(G)MCH Core
VCC
1.25 V Core Supply Voltage with respect to VSS
-0.3
1.375
V
Host Interface (800/1066/1333 MHz)
VTT_FSB
System Bus Input Voltage with respect to VSS
-0.3
1.32
V
VCCA_HPLL
1.25 V Host PLL Analog Supply Voltage with respect to
VSS
-0.3
1.375
V
System Memory Interface (DDR2 667/800 MHz, DDR3 800/1066 MHz)
VCC_DDR
1.8 V DDR2 / 1.5 V DDR3 System Memory Supply
Voltage with respect to VSS
-0.3
4.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com