Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 371 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 371 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 367Page - Intel Corporation 82G33 Datasheet HTML 368Page - Intel Corporation 82G33 Datasheet HTML 369Page - Intel Corporation 82G33 Datasheet HTML 370Page - Intel Corporation 82G33 Datasheet HTML 371Page - Intel Corporation 82G33 Datasheet HTML 372Page - Intel Corporation 82G33 Datasheet HTML 373Page - Intel Corporation 82G33 Datasheet HTML 374Page - Intel Corporation 82G33 Datasheet HTML 375Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 437 page
background image
Functional Description
Datasheet
371
10.9
Clocking
10.9.1
Overview
The (G)MCH has a total of 5 PLLs providing many times that many internal clocks. The
PLLs are:
• Host PLL – Generates the main core clocks in the host clock domain. Can also be
used to generate memory and internal graphics core clocks. Uses the Host clock
(H_CLKIN) as a reference.
• Memory IO PLL - Optionally generates low jitter clocks for memory IO interface, as
opposed to from Host PLL. Uses the Host FSB differential clock
(HPL_CLKINP/HPL_CLKINN) as a reference. Low jitter clock source from Memory
I/O PLL is required for DDR667 and higher frequencies.
• PCI Express PLL – Generates all PCI Express related clocks, including the Direct
Media Interface that connects to the ICH. This PLL uses the 100 MHz clock
(G_CLKIN) as a reference.
• Display PLL A – Generates the internal clocks for Display A. Uses D_REFCLKIN as a
reference.
• Display PLL B – Generates the internal clocks for Display B. Also uses D_REFCLKIN
as a reference.
• CK505 is the Clocking chip required for the Intel® 3 Series Express Chipset
platform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com