Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 369 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 369 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 365Page - Intel Corporation 82G33 Datasheet HTML 366Page - Intel Corporation 82G33 Datasheet HTML 367Page - Intel Corporation 82G33 Datasheet HTML 368Page - Intel Corporation 82G33 Datasheet HTML 369Page - Intel Corporation 82G33 Datasheet HTML 370Page - Intel Corporation 82G33 Datasheet HTML 371Page - Intel Corporation 82G33 Datasheet HTML 372Page - Intel Corporation 82G33 Datasheet HTML 373Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 437 page
background image
Functional Description
Datasheet
369
10.8.3
Programming Sequence
The following sequence must be followed in BIOS to properly set up the Hot Trip Point
and ICH SMI# signal assertion:
1. In Thermal Sensor Control 1 Register (TSC1), set thermal sensor enable bit (TSE)
and the hysteresis value (DHA) by writing 99h to MCHBAR CD8h
2. Program the Hot Trip Point Register (TSTTP[HTPS]) by writing the appropriate
value to MCHBAR CDCh bits [15:8]
3. Program the Catastrophic Trip Point Setting Register (TSTTP[CTPS]) by writing
2Ch to MCHBAR CDCh bits [7:0]
4. In Thermal Sensor Control 2 Register (TSC2), program the Thermometer Mode
Enable and Rate (TE) by writing 04h to MCHBAR CD9h bits [3:0]
5. In the Hardware Protection Register (THERM1), program the Halt on Catastrophic
bit (HOC) by writing 08h to MCHBAR CE4h bits [7:0]
6. Lock the Hardware Protection by writing a 1 to the Lock bit (HTL) at MCHBAR
CE4h bit [0]
7. In Thermal SMI Command Register (TSMICMD), set the SMI# on Hot bit by
writing a 02h to MCHBAR CF1h
8. Program the SMI Command register (SMICMD[TSTSMI]) by writing a 1 to bit 11 to
PCI CCh
9. Program the TCO Register (TCO[TSLB]) to lock down the other register settings by
writing a 1 to bit 7 of MCHBAR CE2h
If the temperature rises above the Hot Trip point:
The TIS[Hot Thermal Sensor Interrupt Event] is set when SMI# interrupt is generated.
10. Clear this bit of the TIS register to allow subsequent interrupts of this type to get
registered.
11. Clear the global thermal sensor event bit in the Error Status Register, bit 11.
12.
13. In thermal sensor status register (TSS), the Hot trip indicator (HTI) bit is set if
this condition is still valid by the time the software gets to read the register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com