Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 366 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 366 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 362Page - Intel Corporation 82G33 Datasheet HTML 363Page - Intel Corporation 82G33 Datasheet HTML 364Page - Intel Corporation 82G33 Datasheet HTML 365Page - Intel Corporation 82G33 Datasheet HTML 366Page - Intel Corporation 82G33 Datasheet HTML 367Page - Intel Corporation 82G33 Datasheet HTML 368Page - Intel Corporation 82G33 Datasheet HTML 369Page - Intel Corporation 82G33 Datasheet HTML 370Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 366 / 437 page
background image
Functional Description
366
Datasheet
10.6.2.7.3 Connectors
Target TV connectors support includes the CVBS, S-Video, Component, HDMI and
SCART connectors. The external TV encoder in use will determine the method of
support.
10.6.2.8
Control Bus
Communication to SDVO registers and if used, ADD2/MEC PROMs and monitor DDCs,
are accomplished by using the SDVO_CTRLDATA and SDVO_CTRLCLK signals through
the SDVO device. These signals run up to 1 MHz and connect directly to the SDVO
device. The SDVO device is then responsible for routing the DDC and PROM data
streams to the appropriate location. Consult SDVO device datasheets for level shifting
requirements of these signals.
Intel® SDVO Modes
The port can be dynamically configured in several modes:
• Standard. This mode provides baseline SDVO functionality. It supports pixel rates
between 25 MP/s and 225 MP/s. It uses three data pairs to transfer RGB data.
• Dual Standard. This mode provides Standard data streams across both SDVOB
and SDVOC. Both channels can only run in Standard mode (3 data pairs) and each
channel supports Pixel Rates between 25 MP/s and 225 MP/s.
⎯ Dual Independent Standard. In Dual Independent Standard mode, each SDVO
channel will transmit a different pixel stream. The data stream across SDVOB
will not be the same as the data stream across SDVOC.
⎯ Dual Simultaneous Standard. In Dual Simultaneous Standard mode, both
SDVO channels will transmit the same pixel stream. The data stream across
SDVOB will be the same as the data stream across SDVOC. The display
timings will be identical, but the transfer timings may not be (i.e., SDVOB
clocks and data may not be perfectly aligned with SDVOC clock and data as
seen at the SDVO device(s)). Since this uses just a single data stream, it uses
a single pixel pipeline within the GMCH.
10.6.3
Multiple Display Configurations
Microsoft Windows* 2000, Windows* XP, and Windows* Vista* operating systems
provide support for multi-monitor display. Since the GMCH has several display ports
available for its two display pipes, it can support up to two different images on
different display devices. Timings and resolutions for these two images may be
different. The GMCH supports Dual Display Clone, Dual Display Twin, and Extended
Desktop.
Dual Display Clone uses both display pipes to drive the same content, at the same
resolution and color depth to two different displays. This configuration allows for
different refresh rates on each display.
Dual Display Twin uses one of the display pipes to drive the same content, at the
same resolution, color depth, and refresh rates to two different displays.
Extended Desktop uses both display pipes to drive different content, at potentially
different resolutions, refresh rates, and color depths to two different displays. This
configuration allows for a larger Windows Desktop by using both displays as a work
surface.
Note: The GMCH is also incapable of operating in parallel with an external PCI Express
graphics device. The GMCH can, however, work in conjunction with a PCI graphics
adapter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com