Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 362 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 362 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 358Page - Intel Corporation 82G33 Datasheet HTML 359Page - Intel Corporation 82G33 Datasheet HTML 360Page - Intel Corporation 82G33 Datasheet HTML 361Page - Intel Corporation 82G33 Datasheet HTML 362Page - Intel Corporation 82G33 Datasheet HTML 363Page - Intel Corporation 82G33 Datasheet HTML 364Page - Intel Corporation 82G33 Datasheet HTML 365Page - Intel Corporation 82G33 Datasheet HTML 366Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 437 page
background image
Functional Description
362
Datasheet
10.5.3
Texture Engine
The GMCH allows an image, pattern, or video to be placed on the surface of a 3D
polygon. The texture processor receives the texture coordinate information from the
setup engine and the texture blend information from the scan converter. The texture
processor performs texture color or ChromaKey matching, texture filtering
(anisotropic, trilinear, and bilinear interpolation), and YUV-to-RGB conversions.
10.5.4
Raster Engine
The raster engine is where the color data (such as, fogging, specular RGB, texture
map blending, etc.) is processed. The final color of the pixel is calculated and the
RGBA value combined with the corresponding components resulting from the texture
engine. These textured pixels are modified by the specular and fog parameters. These
specular highlighted, fogged, textured pixels are color blended with the existing values
in the frame buffer. In parallel, stencil, alpha, and depth buffer tests are conducted
that determine whether the frame and depth buffers will be updated with the new
pixel values.
10.6
Display Interfaces (Intel® 82Q35, 82Q33, 82G33
Only GMCH)
The GMCH have three display ports; one analog and two digital. Each port can
transmit data according to one or more protocols. The digital ports are connected to
an external device that converts one protocol to another. Examples of these are TV
encoders, external DACs, LVDS transmitters, HDMI transmitters, and TMDS
transmitters. Each display port has control signals that may be used to control,
configure and/or determine the capabilities of an external device.
The GMCH has one dedicated display port, the analog port. SDVO ports B and C are
multiplexed with the PCI Express Graphics (PEG) interface and are not available if an
external PEG device is in use. When a system uses a PEG connector, SDVO ports B
and C can be used via an ADD2 (Advanced Digital Display 2) or MEC (Media Expansion
Card).
• The (G)MCH’s analog port uses an integrated 350 MHz RAMDAC that can directly
drive a standard progressive scan analog monitor up to a resolution of 2048x1536
pixels with 32-bit color at 75 Hz.
• The GMCH’s SDVO ports are each capable of driving a 225MP pixel rate. Each port
is capable of driving a digital display up to 1920x1200 @ 60Hz.
The GMCH is compliant with DVI Specification 1.0. When combined with a DVI
compliant external device and connector, the GMCH has a high speed interface to a
digital display (e.g., flat panel or digital CRT).
The GMCH is compliant with HDMI. When combined with a HDMI compliant external
device and connector, the external HDMI device can supports standard, enhanced, or
high-definition video, plus multi-channel digital audio on a single cable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com