Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 365 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 365 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 361Page - Intel Corporation 82G33 Datasheet HTML 362Page - Intel Corporation 82G33 Datasheet HTML 363Page - Intel Corporation 82G33 Datasheet HTML 364Page - Intel Corporation 82G33 Datasheet HTML 365Page - Intel Corporation 82G33 Datasheet HTML 366Page - Intel Corporation 82G33 Datasheet HTML 367Page - Intel Corporation 82G33 Datasheet HTML 368Page - Intel Corporation 82G33 Datasheet HTML 369Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 437 page
background image
Functional Description
Datasheet
365
10.6.2.4
HDMI Capabilities
The GMCH is compliant with HDMI. When combined with a HDMI compliant external
device and connector, the external HDMI device can support standard, enhanced, or
high-definition video, plus multi-channel digital audio on a single cable. The GMCH has
a high speed interface to a digital display (e.g., flat panel or digital TV). The GMCH
can drive a digital TV up to 1600x1200.
10.6.2.5
LVDS Capabilities
The GMCH may use the multiplexed SDVO ports to drive an LVDS transmitter. Flat
Panel is a fixed resolution display. The GMCH supports panel fitting in the transmitter,
receiver or an external device, but has no native panel fitting capabilities. The GMCH
will however, provide unscaled mode where the display is centered on the panel. The
GMCH supports scaling in the LVDS transmitter through the SDVO stall input pair.
10.6.2.6
TV-IN Capabilities
The GMCH in conjunction with ADD2/Media Expansion Card can function as a TV-
Tuner card capable of taking in both analog or HD signals.
10.6.2.7
TV-Out Capabilities
Although traditional TVs are not digital displays, the GMCH uses a digital display
channel to communicate with a TV-Out transmitter. For that reason, the GMCH
considers a TV-Output to be a digital display. The GMCH supports NTSC/PAL/SECAM
standard definition formats. The GMCH will generate the proper timing for the external
encoder. The external encoder is responsible for generation of the proper format
signal. Since the multiplexed SDVO interface is a NTSC/PAL/SECAM display on the TV-
out port can be configured to be the boot device. It is necessary to ensure that
appropriate BIOS support is provided. If EasyLink is supported in the GMCH, then this
mechanism could be used to interrogate the display device.
The TV-out interface on GMCH allows an external TV encoder device to drive a pixel
clock signal on SDVO_TVClk[+/-] that the GMCH uses as a reference frequency. The
frequency of this clock is dependent on the output resolution required.
10.6.2.7.1 Flicker Filter and Overscan Compensation
The overscan compensation scaling and the flicker filter is done in the external TV
encoder chip. Care must be taken to allow for support of TV sets with high
performance de-interlacers and progressive scan displays connected to by way of a
non-interlaced signal. Timing will be generated with pixel granularity to allow more
overscan ratios to be supported.
10.6.2.7.2 Analog Content Protection
Analog content protection will be provided through the external encoder using
Macrovision 7.01. DVD software must verify the presence of a Macrovision TV encoder
before playback continues. Simple attempts to disable the Macrovision operation must
be detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com