Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 363 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 363 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 359Page - Intel Corporation 82G33 Datasheet HTML 360Page - Intel Corporation 82G33 Datasheet HTML 361Page - Intel Corporation 82G33 Datasheet HTML 362Page - Intel Corporation 82G33 Datasheet HTML 363Page - Intel Corporation 82G33 Datasheet HTML 364Page - Intel Corporation 82G33 Datasheet HTML 365Page - Intel Corporation 82G33 Datasheet HTML 366Page - Intel Corporation 82G33 Datasheet HTML 367Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 437 page
background image
Functional Description
Datasheet
363
10.6.1
Analog Display Port Characteristics
The analog display port provides a RGB signal output along with a HSYNC and VSYNC
signal. There is an associated DDC signal pair that is implemented using GPIO pins
dedicated to the analog port. The intended target device is for a CRT based monitor
with a VGA connector. Display devices such as LCD panels with analog inputs may
work satisfactory but no functionality added to the signals to enhance that capability.
Table 10-1. Analog Port Characteristics
Signal
Port Characteristic
Support
Voltage Range
0.7 V p-p only
Monitor Sense
Analog Compare
Analog Copy Protection
No
RGB
Sync on Green
No
Voltage
2.5 V
Enable/Disable
Port control
Polarity adjust
VGA or port control
Composite Sync Support
No
Special Flat Panel Sync
No
HSYNC
VSYNC
Stereo Sync
No
Voltage
Externally buffered to 5 V
DDC
Control
Through GPIO interface
10.6.1.1
Integrated RAMDAC
The display function contains a RAM-based Digital-to-Analog Converter (RAMDAC) that
transforms the digital data from the graphics and video subsystems to analog data for
the CRT monitor. The GMCH’s integrated 350 MHz RAMDAC supports resolutions up to
2048 x 1536 @ 75 Hz. Three 8-bit DACs provide the R, G, and B signals to the
monitor.
10.6.1.2
Sync Signals
HSYNC and VSYNC signals are digital and conform to TTL signal levels at the
connector. Since these levels cannot be generated internal to the device, external
level shifting buffers are required. These signals can be polarity adjusted and
individually disabled in one of the two possible states. The sync signals should power
up disabled in the high state. No composite sync or special flat panel sync support will
be included.
10.6.1.3
VESA/VGA Mode
VESA/VGA mode provides compatibility for pre-existing software that set the display
mode using the VGA CRTC registers. Timings are generated based on the VGA register
values and the timing generator registers are not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com