Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 358 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 358 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 354Page - Intel Corporation 82G33 Datasheet HTML 355Page - Intel Corporation 82G33 Datasheet HTML 356Page - Intel Corporation 82G33 Datasheet HTML 357Page - Intel Corporation 82G33 Datasheet HTML 358Page - Intel Corporation 82G33 Datasheet HTML 359Page - Intel Corporation 82G33 Datasheet HTML 360Page - Intel Corporation 82G33 Datasheet HTML 361Page - Intel Corporation 82G33 Datasheet HTML 362Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 437 page
background image
Functional Description
358
Datasheet
10.4.3
PCI Express* and Internal Graphics Simultaneous
Operation
10.4.3.1
Standard PCI Express* Cards and Internal Graphics
BIOS control of simultaneous operation is needed to ensure the PCI Express is
configured appropriately.
10.4.3.2
Media Expansion Cards (Concurrent SDVO and PCI Express*)
SDVO lane reversal is supported in the (G)MCH. This functionality allows current
SDVO ADD2 cards to work in current ATX and BTX systems instead of requiring a
separate card. The GMCH allows SDVO and PCI Express to operate concurrently on the
PCI Express Port. The card, which plugs into the x16 connector in this case, is called a
Media Expansion card. It uses 4 or 8 lanes for SDVO and up to 8 lanes of standard PCI
Express.
For the GMCH, the only supported PCI Express width when SDVO is present is x1.
This concurrency is supported in reversed and non-reversed configurations. Mirroring /
Reversing is always about the axis.
Table 10-4. Concurrent SDVO / PCI Express* Configuration Strap Controls
Configuration
#
Description
Slot
Reversed
Strap
SDVO
Present
Strap
SDVO/PCI
Express*
Concurrent
Strap
1
PCI Express* not reversed
—
—
—
2
PCI Express* Reversed
Yes
—
—
3
SDVO (ADD2) not reversed
—
Yes
—
4
SDVO (ADD2) Reversed
Yes
Yes
—
5
SDVO & PCI Express*
(MEDIA EXPANSION) not
reversed
—
Yes
Yes
6
SDVO & PCI Express*
(MEDIA EXPANSION)
Reversed
Yes
Yes
Yes
Notes:
1.
The Configuration #s refer to the following figures (no intentional relation to validation
configurations).
2.
Configurations 4, 5, and 6 (required addition of SDVO/PCI Express* Concurrent Strap).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com