Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 357 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 357 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 353Page - Intel Corporation 82G33 Datasheet HTML 354Page - Intel Corporation 82G33 Datasheet HTML 355Page - Intel Corporation 82G33 Datasheet HTML 356Page - Intel Corporation 82G33 Datasheet HTML 357Page - Intel Corporation 82G33 Datasheet HTML 358Page - Intel Corporation 82G33 Datasheet HTML 359Page - Intel Corporation 82G33 Datasheet HTML 360Page - Intel Corporation 82G33 Datasheet HTML 361Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 437 page
background image
Functional Description
Datasheet
357
Figure 10-1. sDVO Conceptual Block Diagram
Control Clock
RedC / AlphaB
PCI
Express*
Logic
Internal
Graphics
GMCH
3rd Party
SDVO
External
Device(s)
Digital
Display
Device(s)
or TV
Monitor
Analog RGB
Control Data
TV Clock In
Stall
Interrupt
ClockC
SDVO_BlkDia
BlueC
ClockB
RedB
GreenB
BlueB
GreenC
10.4.2
Intel® SDVO Modes
The port can be dynamically configured in several modes:
• Standard. This mode provides baseline SDVO functionality. It supports Pixel
Rates between 25 MP/s and 225 MP/s. It uses three data pairs to transfer RGB
data.
• Dual Standard. This mode uses Standard data streams across both SDVOB and
SDVOC. Both channels can only run in Standard mode (3 data pairs) and each
channel supports Pixel Rates between 25 MP/s and 225 MP/s.
⎯ Dual Independent Standard. In Dual Independent Standard mode, each SDVO
channel sees a different pixel stream. The data stream across SDVOB is not
the same as the data stream across SDVOC.
⎯ Dual Simultaneous Standard. In Dual Simultaneous Standard mode, both
SDVO channels see the same pixel stream. The data stream across SDVOB is
the same as the data stream across SDVOC. The display timings will be
identical, but the transfer timings may not be (i.e., SDVOB clocks and data
may not be perfectly aligned with SDVOC clock and data as seen at the SDVO
device(s)). Since this mode uses just a single data stream, it uses a single
pixel pipeline within the GMCH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com