Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 354 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 354 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 350Page - Intel Corporation 82G33 Datasheet HTML 351Page - Intel Corporation 82G33 Datasheet HTML 352Page - Intel Corporation 82G33 Datasheet HTML 353Page - Intel Corporation 82G33 Datasheet HTML 354Page - Intel Corporation 82G33 Datasheet HTML 355Page - Intel Corporation 82G33 Datasheet HTML 356Page - Intel Corporation 82G33 Datasheet HTML 357Page - Intel Corporation 82G33 Datasheet HTML 358Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 437 page
background image
Functional Description
354
Datasheet
10.2.5
System Memory Technology Supported
The (G)MCH supports the following DDR2 and DDR3 Data Transfer Rates, DIMM
Modules, and DRAM Device Technologies:
• DDR2 Data Transfer Rates: 667 (PC2-5300) and 800 (PC2-6400)
• DDR3 Data Transfer Rates: 800 (PC3-6400) and 1066 (PC3-8500)
• DDR2 DIMM Modules:
⎯ Raw Card C - Single Sided x16 un-buffered non-ECC
⎯ Raw Card D - Single Sided x8 un-buffered non-ECC
⎯ Raw Card E - Double Sided x8 un-buffered non-ECC
• DDR3 DIMM Modules:
⎯ Raw Card A - Single Sided x8 un-buffered non-ECC
⎯ Raw Card B - Double Sided x8 un-buffered non-ECC
⎯ Raw Card C - Single Sided x16 un-buffered non-ECC
⎯ Raw Card F - Double Sided x16 un-buffered non-ECC
• DDR2 and DDR3 DRAM Device Technology: 512 MB and 1 GB
Table 10-3 Supported DIMM Module Configurations
Memory
Type
Raw
Card
Version
DIMM
Capacity
DRAM
Device
Technology
DRAM
Organization
# of
DRAM
Devices
# of
Physical
Device
Ranks
# of
Row/Col
Address
Bits
# of
Banks
Inside
DRAM
Page
Size
256 MB
512 Mb
32M X 16
4
1
13/10
4
8K
C
512 MB
1 Gb
64M X 16
4
1
13/10
8
8K
512 MB
512 Mb
64M X 8
8
1
14/10
4
8K
D
1 GB
1 Gb
128M X 8
8
1
14/10
8
8K
1 GB
512 Mb
64M X 8
16
2
14/10
4
8K
DDR2
667 and
800
E
2 GB
1 Gb
128M X 8
16
2
14/10
8
8K
512 MB
512 Mb
64M X 8
8
1
13/10
8
8K
A
1 GB
1 Gb
128M X 8
8
1
14/10
8
8K
1 GB
512 Mb
64M X 8
16
2
13/10
8
8K
B
2 GB
1 Gb
128M X 8
16
2
14/10
8
8K
256 MB
512 Mb
32M X 16
4
1
12/10
8
8K
C
512 MB
1 Gb
64M X 16
4
1
13/10
8
8K
512 MB
512 Mb
32M X 16
8
2
12/10
8
8K
DDR3
800 and
1066
F
1 GB
1 Gb
64M X 16
8
2
13/10
8
8K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com