Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 350 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 350 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 346Page - Intel Corporation 82G33 Datasheet HTML 347Page - Intel Corporation 82G33 Datasheet HTML 348Page - Intel Corporation 82G33 Datasheet HTML 349Page - Intel Corporation 82G33 Datasheet HTML 350Page - Intel Corporation 82G33 Datasheet HTML 351Page - Intel Corporation 82G33 Datasheet HTML 352Page - Intel Corporation 82G33 Datasheet HTML 353Page - Intel Corporation 82G33 Datasheet HTML 354Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 437 page
background image
Functional Description
350
Datasheet
10
Functional Description
10.1
Host Interface
The (G)MCH supports the Intel® Core™2 Duo desktop processor subset of the
Enhanced Mode Scaleable Bus. The cache line size is 64 bytes. Source synchronous
transfer is used for the address and data signals. The address signals are double
pumped and a new address can be generated every other bus clock. At 200/267/333
MHz bus clock the address signals run at 667 MT/s. The data is quad pumped and an
entire 64B cache line can be transferred in two bus clocks. At 200/266/333 MHz bus
clock, the data signals run at 800/1066/1333 MT/s for a maximum bandwidth of
6.4/8.5/10.6 GB/s.
10.1.1
FSB IOQ Depth
The Scalable Bus supports up to 12 simultaneous outstanding transactions.
10.1.2
FSB OOQ Depth
The (G)MCH supports only one outstanding deferred transaction on the FSB.
10.1.3
FSB GTL+ Termination
The (G)MCH integrates GTL+ termination resistors on die.
10.1.4
FSB Dynamic Bus Inversion
The (G)MCH supports Dynamic Bus Inversion (DBI) when driving and when receiving
data from the processor. DBI limits the number of data signals that are driven to a low
voltage on each quad pumped data phase. This decreases the worst-case power
consumption of the (G)MCH. FSB_DINVB_3:0 indicate if the corresponding 16 bits of
data are inverted on the bus for each quad pumped data phase.
FSB_DINVB_3:0
Data Bits
FSB_DINVB_0
FSB_DB_15:0
FSB_DINVB_1
FSB_DB_31:16
FSB_DINVB_2
FSB_DB_47:32
FSB_DINVB_3
FSB_DB_63:48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com