Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 352 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 352 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 348Page - Intel Corporation 82G33 Datasheet HTML 349Page - Intel Corporation 82G33 Datasheet HTML 350Page - Intel Corporation 82G33 Datasheet HTML 351Page - Intel Corporation 82G33 Datasheet HTML 352Page - Intel Corporation 82G33 Datasheet HTML 353Page - Intel Corporation 82G33 Datasheet HTML 354Page - Intel Corporation 82G33 Datasheet HTML 355Page - Intel Corporation 82G33 Datasheet HTML 356Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 437 page
background image
Functional Description
352
Datasheet
10.2
System Memory Controller
The 82G33 GMCH and 82P35 MCH system memory controllers support both DDR2 and
DDR3 protocols with two independent 64 bit wide channels; each accessing one or two
DIMMs. The (G)MCH supports a maximum of two un-buffered, non-ECC DDR2 or
DDR3 DIMMs per channel; thus, allowing up to four device ranks per channel. The
82Q35 GMCH and 82Q33 GMCH only support DDR2.
Note: References in this section to DDR3 are for the 82G33 GMCH and 82P35 only.
10.2.1
System Memory Organization Modes
The system memory controller supports three memory organization modes, Single
Channel, Dual Channel Symmetric, and Dual Channel Asymmetric.
10.2.2
Single Channel Mode
In this mode, all memory cycles are directed to a single channel. Single channel mode
is used when either Channel A or Channel B DIMMs are populated in any order, but
not both.
10.2.3
Dual Channel Symmetric Mode
This mode provides maximum performance on real applications. Addresses are ping-
ponged between the channels after each cache line (64 byte boundary). If there are
two requests, and the second request is to an address on the opposite channel from
the first, that request can be sent before data from the first request has returned. If
two consecutive cache lines are requested, both may be retrieved simultaneously,
since they are ensured to be on opposite channels.
Dual channel symmetric mode is used when both Channel A and Channel B DIMMs are
populated in any order with the total amount of memory in each channel being the
same, but the DRAM device technology and width may vary from one channel to the
other.
Table 10-1 is a sample dual channel symmetric memory configuration showing the
rank organization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com