Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 355 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 355 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 351Page - Intel Corporation 82G33 Datasheet HTML 352Page - Intel Corporation 82G33 Datasheet HTML 353Page - Intel Corporation 82G33 Datasheet HTML 354Page - Intel Corporation 82G33 Datasheet HTML 355Page - Intel Corporation 82G33 Datasheet HTML 356Page - Intel Corporation 82G33 Datasheet HTML 357Page - Intel Corporation 82G33 Datasheet HTML 358Page - Intel Corporation 82G33 Datasheet HTML 359Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 437 page
background image
Functional Description
Datasheet
355
10.3
PCI Express*
See Section 1.3.4 for list of PCI Express features, and the PCI Express specification for
further details.
This (G)MCH is part of a PCI Express root complex. This means it connects a host
processor/memory subsystem to a PCI Express hierarchy. The control registers for
this functionality are located in device 1 configuration space and two Root Complex
Register Blocks (RCRBs). The DMI RCRB contains registers for control of the ICH9
attach ports.
10.3.1
PCI Express* Architecture
The PCI Express architecture is specified in layers. Compatibility with the PCI
addressing model (a load-store architecture with a flat address space) is maintained to
ensure that all existing applications and drivers operate unchanged. The PCI Express
configuration uses standard mechanisms as defined in the PCI Plug-and-Play
specification. The initial speed of 1.25 GHz (250 MHz internally) results in
2.5 GB/s/direction which provides a 250 MB/s communications channel in each
direction (500 MB/s total) that is close to twice the data rate of classic PCI per lane.
10.3.2
Transaction Layer
The upper layer of the PCI Express architecture is the Transaction Layer. The
Transaction Layer’s primary responsibility is the assembly and disassembly of
Transaction Layer Packets (TLPs). TLPs are used to communicate transactions, such as
read and write, as well as certain types of events. The Transaction Layer also
manages flow control of TLPs.
10.3.3
Data Link Layer
The middle layer in the PCI Express stack, the Data Link Layer, serves as an
intermediate stage between the Transaction Layer and the Physical Layer.
Responsibilities of Data Link Layer include link management, error detection, and
error correction.
10.3.4
Physical Layer
The Physical Layer includes all circuitry for interface operation, including driver and
input buffers, parallel-to-serial and serial-to-parallel conversion, PLL(s), and
impedance matching circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com