Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 356 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 356 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 352Page - Intel Corporation 82G33 Datasheet HTML 353Page - Intel Corporation 82G33 Datasheet HTML 354Page - Intel Corporation 82G33 Datasheet HTML 355Page - Intel Corporation 82G33 Datasheet HTML 356Page - Intel Corporation 82G33 Datasheet HTML 357Page - Intel Corporation 82G33 Datasheet HTML 358Page - Intel Corporation 82G33 Datasheet HTML 359Page - Intel Corporation 82G33 Datasheet HTML 360Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 437 page
background image
Functional Description
356
Datasheet
10.4
Intel® Serial Digital Video Output (SDVO) (Intel®
82Q35, 82Q33, 82G33 GMCH Only)
The SDVO signals on the GMCH are multiplexed with the PCI Express x16 port pins.
The Intel® SDVO Port is the second generation of digital video output from compliant
Intel® GMCHs. The electrical interface is based on the PCI Express interface, though
the protocol and timings are completely unique. Whereas PCI Express runs at a fixed
frequency, the frequency of the SDVO interface is dependant upon the active display
resolution and timing. The port can be dynamically configured in several modes to
support display configurations.
Essentially, an SDVO port will transmit display data in a high speed, serial format
across differential AC coupled signals. An SDVO port consists of a sideband differential
clock pair and a number of differential data pairs.
10.4.1
Intel® SDVO Capabilities
SDVO ports can support a variety of display types including LVDS, DVI, Analog CRT,
TV-Out and external CE type devices. The GMCH uses an external SDVO device to
translate from SDVO protocol and timings to the desired display format and timings.
The Internal Graphics Controller can have one or two SDVO ports multiplexed on the
x16 PCI Express interface. When an external x16 PCI Express graphics accelerator is
not in use, an ADD2 card may be plugged into the x16 connector or if a x16 slot is not
present, the SDVO(s) may be located ‘down’ on the motherboard to access the
multiplexed SDVO ports and provide a variety of digital display options.
The ADD2/Media Expansion card is designed to fit in a x16 PCI Express connector. The
ADD2/Media Expansion card can support one or two devices. If a single channel SDVO
device is used, it should be attached to the channel B SDVO pins. The ADD2 card can
support two separate SDVO devices when the interface is in Dual Independent or Dual
Simultaneous Standard modes. The Media Expansion card adds Video in capabilities.
The SDVO port defines a two-wire point-to-point communication path between the
SDVO device and GMCH. The SDVO control clock and data provide similar functionality
to I2C. However unlike I2C, this interface is intended to be point-to-point (from the
GMCH to the SDVO device) and requires the SDVO device to act as a switch and direct
traffic from the SDVO control bus to the appropriate receiver. Additionally, this control
bus will be able to run at faster speeds (up to 1 MHz) than a traditional I2C interface
would.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com