| Electronic Components Datasheet Search |
|
82G33 Datasheet(PDF) 353 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
82G33 Datasheet(HTML) 353 Page - Intel Corporation |
|
353 / 437 page ![]() Functional Description Datasheet 353 Table 10-1. Sample System Memory Dual Channel Symmetric Organization Mode with Intel® Flex Memory Mode Enabled Rank Channel 0 population Cumulative top address in Channel 0 Channel 1 population Cumulative top address in Channel 1 Rank 3 0 MB 2560 MB 0 MB 2560 MB Rank 2 256 MB 2560 MB 256 MB 2560 MB Rank 1 512 MB 2048 MB 512 MB 2048 MB Rank 0 512 MB 1024 MB 512 MB 1024 MB 10.2.4 Dual Channel Asymmetric Mode with Intel® Flex Memory Mode Enabled This mode trades performance for system design flexibility. Unlike the previous mode, addresses start in channel 0 and stay there until the end of the highest rank in channel 0, and then addresses continue from the bottom of channel 1 to the top. Normal applications are unlikely to make requests that alternate between addresses that are on opposite channels with this memory organization; so, in most cases, bandwidth will be limited to that of a single channel. Dual channel asymmetric mode is used when both Channel A and Channel B DIMMs are populated in any order with the total amount of memory in each channel being different. Table 10-2 is a sample dual channel asymmetric memory configuration showing the rank organization: Table 10-2. Sample System Memory Dual Channel Asymmetric Organization Mode with Intel® Flex Memory Mode Disabled Rank Channel 0 population Cumulative top address in Channel 0 Channel 1 population Cumulative top address in Channel 1 Rank 3 0 MB 1280 MB 0 MB 2304 MB Rank 2 256 MB 1280 MB 0 MB 2304 MB Rank 1 512 MB 1024 MB 512 MB 2304 MB Rank 0 512 MB 512 MB 512 MB 1792 MB |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |