Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 370 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 370 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 366Page - Intel Corporation 82G33 Datasheet HTML 367Page - Intel Corporation 82G33 Datasheet HTML 368Page - Intel Corporation 82G33 Datasheet HTML 369Page - Intel Corporation 82G33 Datasheet HTML 370Page - Intel Corporation 82G33 Datasheet HTML 371Page - Intel Corporation 82G33 Datasheet HTML 372Page - Intel Corporation 82G33 Datasheet HTML 373Page - Intel Corporation 82G33 Datasheet HTML 374Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 437 page
background image
Functional Description
370
Datasheet
10.8.4
Trip Point Temperature Programming
The Catastrophic and Hot trip points are programmed in the TSTTP Register. Bits 7:0
are for the Catastrophic Trip Point (CTPS), and bits 15:8 are for the Hot Trip Point
(HTPS).
Note: The Catastrophic Trip Point is recommended to fixed at 118 C. The Hot Trip Point is
recommended to be between 95 C and 105 C. Programming the Hot Trip Point above
this range is not recommended.
To program both trip point settings, the following polynomial equation should be used.
Programmed temp = (0.0016
× value^2) – (1.10707 × value) + 161.05
In this case the “value” is a decimal number between 0 and 128. For the Catastrophic
Trip Point, a decimal value of 41 (29h) should be used to hit 118 C.
(0.0016
× 41^2) – (1.10707 × 41) + 161.05 = 118.3 C
The CTPS should then be programmed with 29h. The Hot Trip Point is also
programmed in the same manner.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com