Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 372 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 372 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 368Page - Intel Corporation 82G33 Datasheet HTML 369Page - Intel Corporation 82G33 Datasheet HTML 370Page - Intel Corporation 82G33 Datasheet HTML 371Page - Intel Corporation 82G33 Datasheet HTML 372Page - Intel Corporation 82G33 Datasheet HTML 373Page - Intel Corporation 82G33 Datasheet HTML 374Page - Intel Corporation 82G33 Datasheet HTML 375Page - Intel Corporation 82G33 Datasheet HTML 376Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 437 page
background image
Functional Description
372
Datasheet
10.9.2
Platform Clocks
Figure 10-5. Intel® 3 Series Express Chipset Clocking Diagram
PCI Down Device
24 MHz
Intel
® ICH9
OSC
32.768 kHz
PCI Express DIff Pair
SATA Diff Pair
PCI Slot
SIO LPC
TPM LPC
DMI
REF 14 MHz
DOT 96 MHz Diff Pair
Memory
XDP
Processor
CPU Diff Pair
CPU Diff Pair
CPU Diff Pair
PCI Express GFX
X 16 PCI Express
PCI Express Slot
C1
LAN
PCI Express Diff Pair
PCI Express DIff
Pair
PCI Express Diff Pair
PCI Express Slot
BCLK, ITPCLK, HCLK
SATACLK, ICHCLK,
MCHCLK, LANCLK,
PCIECLK
DOTCLK
USBCLK
PCICLK
REFCLK
C1-C3
S1-S7
D1
U1
P1-P6
R1
Signal Name
Ref
(G)MCH
Intel High
Definition Audio
CK505
56-Pin SSOP
C2
C3/S7
PCI Express Diff Pair
PCI Express Diff Pair
S6
S5
S4
S3
S2
D1
S1
USB 48 MHz
REF 14 MHz
PCI 33 MHz
PCI 33 MHz
PCI 33 MHz
PCI 33 MHz
PCI 33 MHz
PCI 33 MHz
PCI 33 MHz
NC
NC
U1
R1
P1
P2
P3
P4
P5
P6
§



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com