Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 375 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 375 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 371Page - Intel Corporation 82G33 Datasheet HTML 372Page - Intel Corporation 82G33 Datasheet HTML 373Page - Intel Corporation 82G33 Datasheet HTML 374Page - Intel Corporation 82G33 Datasheet HTML 375Page - Intel Corporation 82G33 Datasheet HTML 376Page - Intel Corporation 82G33 Datasheet HTML 377Page - Intel Corporation 82G33 Datasheet HTML 378Page - Intel Corporation 82G33 Datasheet HTML 379Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 437 page
background image
Electrical Characteristics
Datasheet
375
Symbol
Parameter
Min
Max
Unit
Notes
VCC_CKDDR
1.8 V DDR2 / 1.5 V DDR3 Clock System Memory
Supply Voltage with respect to VSS
-0.3
4.0
V
VCCA_MPLL
1.25 V System Memory PLL Analog Supply Voltage
with respect to VSS
-0.3
1.375
V
PCI Express* / Intel® sDVO / DMI Interface
VCC_EXP
1.25 V PCI Express* and DMI Supply Voltage with
respect to VSS
-0.3
1.375
V
VCCA_EXP
3.3 V PCI Express* Analog Supply Voltage with
respect to VSS
-0.3
3.63
V
VCCAPLL_EXP
1.25 V PCI Express* PLL Analog Supply Voltage with
respect to VSS
-0.3
1.375
V
R, G, B / CRT DAC Display Interface (8 bit)
VCCA_DAC
3.3 V Display DAC Analog Supply Voltage with respect to
VSS
-0.3
3.63
V
VCCD_CRT
1.5 V Display DAC Digital Supply Voltage with
respect to VSS
-0.3
1.98
V
VCCDQ_CRT
1.5 V Display DAC Quiet Digital Supply Voltage with
respect to VSS
-0.3
1.98
V
VCCA_DPLLA
1.25 V Display PLL A Analog Supply Voltage with
respect to VSS
-0.3
1.375
V
VCCA_DPLLB
1.25 V Display PLL B Analog Supply Voltage with
respect to VSS
-0.3
1.375
V
Controller Link Interface
VCC_CL
1.25 V Supply Voltage with respect to VSS
-0.3
1.375
V
CMOS Interface
VCC3_3
3.3 V CMOS Supply Voltage with respect to VSS
-0.3
3.63
V
NOTE:
1.
Possible damage to the MCH may occur if the MCH temperature exceeds 150 °C. Intel does
not guarantee functionality for parts that have exceeded temperatures above 150 °C due to
specification violation.
11.2
Current Consumption
The following table shows the current consumption for the (G)MCH in the Advanced
Configuration and Power Interface (ACPI) S0 state. Icc max values are determined on
a per-interface basis, at the highest frequencies for each interface. Sustained current
values or Max current values cannot occur simultaneously on all interfaces. Sustained
Values are measured sustained RMS maximum current consumption and includes
leakage estimates. The measurements are made with fast silicon at 96 °C Tcase
temperature, at the Max voltage listed in Table 11-2. The Max values are maximum
theoretical pre-silicon calculated values. In some cases, the Sustained measured
values have exceeded the Max theoretical values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com