Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 376 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 376 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 372Page - Intel Corporation 82G33 Datasheet HTML 373Page - Intel Corporation 82G33 Datasheet HTML 374Page - Intel Corporation 82G33 Datasheet HTML 375Page - Intel Corporation 82G33 Datasheet HTML 376Page - Intel Corporation 82G33 Datasheet HTML 377Page - Intel Corporation 82G33 Datasheet HTML 378Page - Intel Corporation 82G33 Datasheet HTML 379Page - Intel Corporation 82G33 Datasheet HTML 380Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 437 page
background image
Electrical Characteristics
376
Datasheet
Table 11-2. Intel® Q35/Q33 Express Chipset – GMCH Current Consumption in S0
Symbol
Parameter
Signal
Names
Sustained
Max
Unit
Notes
1.25 V Core Supply Current
(using integrated graphics)
VCC
(int gfx)
5.27
7.00
IVCC
1.25 V Core Supply Current
(using external graphics)
VCC
(ext gfx)
2.34
3.18
A
1,2
IVCC_DDR2
DDR2 System Memory Interface (1.8 V)
Supply Current
VCC_DDR
2.62
3.71
A
IVCC_CKDDR2
DDR2 System Memory Clock Interface
(1.8 V) Supply Current
VCC_CKDDR
180
220
mA
1, 2, 3
1.25 V PCI Express* / Intel® SDVO and
DMI Supply Current
(using integrated graphics)
VCC_EXP
(int gfx)
0.46
1.00
IVCC_EXP
1.25 V PCI Express* / Intel® SDVO and
DMI Supply Current
(using external graphics)
VCC_EXP
(ext gfx)
1.43
2.45
A
2
I
VCC_CL
1.25 V Controller Supply Current
VCC_CL
2.45
3.88
A
2
IVTT_FSB
System Bus Supply Current
VTT_FSB
0.52
1
A
1
IVCCA_EXP
3.3 V PCI Express* / Intel® SDVO and
DMI Analog Supply Current
VCCA_EXP
39
72
mA
IVCCA_DAC
3.3 V Display DAC Analog Supply Current
VCCA_DAC
74
78
mA
IVCC3_3
3.3 V CMOS Supply Current
VCC3_3
0.5
16
mA
I
VCCD_CRT
1.5 V Display Digital Supply Current
VCCD_CRT
20
30
mA
I
VCCDQ_CRT
1.5 V Display Quiet Digital Supply Current
VCCDQ_CRT
9
11
mA
3
I
VCCAPLL_EXP
1.25 V PCI Express* /
Intel® SDVO and DMI
PLL Analog Supply Current
VCCAPLL_E
XP
39
72
mA
I
VCCA_HPLL
1.25 V Host PLL Supply Current
VCCA_HPLL
20
30
mA
I
VCCA_DPLLA
1.25 V Display PLL A Supply Current
VCCA_DPLL
A
49
73
mA
I
VCCA_DPLLB
1.25 V Display PLL B Supply Current
VCCA_DPLL
B
42
70
mA
I
VCCA_MPLL
1.25 V System Memory PLL Analog
Supply Current
VCCA_MPLL
115
173
mA
NOTES:
1.
Measurements are for current coming through chipset’s supply pins.
2.
Rail includes DLLs (and FSB sense amps on VCC).
3.
Sustained Measurements are combined because one voltage regulator on the platform supplies
both rails on the MCH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com