Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 130 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 130 Page - ams AG

Back Button AS3911B Datasheet HTML 126Page - ams AG AS3911B Datasheet HTML 127Page - ams AG AS3911B Datasheet HTML 128Page - ams AG AS3911B Datasheet HTML 129Page - ams AG AS3911B Datasheet HTML 130Page - ams AG AS3911B Datasheet HTML 131Page - ams AG AS3911B Datasheet HTML 132Page - ams AG AS3911B Datasheet HTML 133Page - ams AG AS3911B Datasheet HTML 134Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 155 page
background image
AS3911B – 130
ams Datasheet: 2014-Jun-12 [v1-08]
A p pl i c at io n I n f o r m at i o n
Figure 123:
Transport Frame Format According to NFCIP-1
Transport Frame for bit rate 212 and 424 kb/s has the same
format as communication frame used during Initialization and
SDD. This format is also used in FeliCa protocol (see also FeliCa
Reader Mode). In case of 106 kb/s the SB (Start byte at F0h) and
LEN (length byte) are only used in Transport Frame.
Support of Transport Frame for 106 kb/s NFCIP-1
communication is enabled by setting bit nfc_f0 in the
ISO14443A and NFC 106kb/s Settings Register.
Once this bit is set and ISO 14443A mode with bit rate 106 kb/s
is configured, the behavior of the AS3911B framing is as follows:
Transmission
In order to transmit a Transport Frame only the Transport Data
has to be put in FIFO. The number of Transport Data bytes is
defined in the Number of Transmitted Bytes Register 1 and
Number of Transmitted Bytes Register 2. Transmission is
triggered by sending direct command Transmit With CRC. First
Start byte with value F0h followed by Length byte are sent. Then
Transport Data stored in FIFO is sent, transmission is terminated
by two CRC bytes (E1 in Figure 123) which are calculated by the
AS3911B. Length byte is calculated from ‘number of transmitted
bytes’. The following equation is used:
length = Transport Data length + 1 = number of transmitted
bytes +1
Reception
After transmission is done the AS3911B logic starts to parse the
receiver output to detect the start of tag reply.
Once the start of communication sequence is detected the first
byte (Start Byte with value F0h) is checked the Length byte and
Transport Data bytes are put in the FIFO. CRC bytes are internally
checked. In case the Start byte is not equal to F0h the following
data bytes are still put in FIFO, additionally a soft framing error
IRQ is set to indicate the Start Byte error.
SB
LEN
CMD0
CMD1
Byte 0
Byte 1
Byte 2
…
…
Byte n
E1
SB
LEN
CMD0
CMD1
Byte 0
Byte 1
Byte 2
…
…
Byte n
E2
PA
Transport Data Field
Transport Data Field
Frame Format
for 106 kbps
Frame Format
for 212 kbps
and 424 kbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com