Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 132 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 132 Page - ams AG

Back Button AS3911B Datasheet HTML 128Page - ams AG AS3911B Datasheet HTML 129Page - ams AG AS3911B Datasheet HTML 130Page - ams AG AS3911B Datasheet HTML 131Page - ams AG AS3911B Datasheet HTML 132Page - ams AG AS3911B Datasheet HTML 133Page - ams AG AS3911B Datasheet HTML 134Page - ams AG AS3911B Datasheet HTML 135Page - ams AG AS3911B Datasheet HTML 136Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 155 page
background image
AS3911B – 132
ams Datasheet: 2014-Jun-12 [v1-08]
A p pl i c at io n I n f o r m at i o n
In order to receive the NFCIP-1 active reply only the AM
demodulation channel is used. Due to this the Receiver AM
channel has to be enabled. The preset done by Analog Preset
command enables only the AM demodulation channel, while
PM channel is disabled to save current.
In NFCIP-1 active communication the NFCIP-1Transport Frame
format (see Figure 123) is always used. Due to this the
ISO14443A and NFC 106kb/s Settings Register bit nfc_f0 is set
by Analog Preset command (see “Support of NFCIP-1Transport
Frame Format” on page 129).
NFCIP-1 active communication sequence when bit nfc_ar in the
Mode Definition Register is set (automatic Response RF
Collision Avoidance sequence). During this sequence bits
nfc_n1 and nfc_n0 of the Auxiliary Definition Register have to
be 0 to produce Response Collision Avoidance sequence with
n=0:
1.
First the direct command NFC Initial Field ON is sent. In
case no collision was detected during RF collision
avoidance the field is switched on and an IRQ with I_cat
flag set is sent to controller after TIRFG.
2.
The message, which was prepared as in case of reader
to tag communication, is transmitted using Transmit
command.
3.
After the message is sent the field is switched off. The
time between the end of the message and switching off
the field is defined by the General Purpose Timer. (The
General Purpose Timer IRQ may be masked since
controller does not need this information).
4.
After switching off its field the AS3911B starts the
No-response Timer and observes the External Field
Detector output to detect the switching on of the target
field. In case the target field is not detected before
No-response Timer timeout, an IRQ due No-response
Timer expire is sent.
5.
When Target field is detected an IRQ with I_eon flag set
is sent to controller and Mask-receive Timer is started.
After the Mask Receive Timer expires the receiver output
starts to be observed to detect start of the target
response. The reception process goes on as in case of
reader to tag communication.
6.
When the External Field Detector detects that the target
has switched off its field, it sends an IRQ with I_eof flag
set to the controller, and in case bit nfc_ar is set
automatically activates the sequence of direct
command NFC Response Field ON. In case no collision
is detected during RF collision avoidance the field is
switched on and an IRQ with I_cat flag set is sent to
controller after TARFG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com