Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 135 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 135 Page - ams AG

Back Button AS3911B Datasheet HTML 131Page - ams AG AS3911B Datasheet HTML 132Page - ams AG AS3911B Datasheet HTML 133Page - ams AG AS3911B Datasheet HTML 134Page - ams AG AS3911B Datasheet HTML 135Page - ams AG AS3911B Datasheet HTML 136Page - ams AG AS3911B Datasheet HTML 137Page - ams AG AS3911B Datasheet HTML 138Page - ams AG AS3911B Datasheet HTML 139Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 155 page
background image
ams Datasheet: 2014-Jun-12 [v1-08]
AS3911B – 135
Appl icatio n I n f o rm a t i o n
4.
The reply which was prepared as in case of reader to tag
communication is transmitted using Transmit
command
5.
After the message is sent the field is switched off. The
time between the end of the message and switching off
the field is defined in General Purpose Timer. In case a
new command from initiator is expected the General
Purpose Timer IRQ may be masked since controller does
not need this information.
6.
In case a new command from Initiator is expected the
sequence loops through point 1. In case the target reply
was the last in a sequence (DLS_RES in case of NFCIP-1
protocol) a new command from initiator is not expected.
At the moment the field is switched off, a General
Purpose Timer IRQ is received and the AS3911B is put
back in the low power NFC Target Mode by deactivating
the Operation Control Register. NFC mode is changed
back to rate detection mode by writing the Mode
Definition Register.
AM Modulation Depth: Definition and
Calibration
The AS3911B Transmitter supports OOK and AM modulation.
The choice between OOK and AM modulation is done by writing
Auxiliary Definition Register bit tr_am. AM modulation is preset
by direct command Analog Preset in case the following
protocols are configured:
• ISO14443B
•FeliCa
• NFCIP-1 212 and 424 kb/s
The AM modulation depth can be automatically adjusted by
setting the AM Modulation Depth Control Register and sending
the direct command Calibrate Modulation Depth. There is also
an alternative possibility where the command Calibrate
Modulation Depth is not used and the modulated level is
defined by writing the Antenna driver RFO AM Modulated Level
Definition Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com