Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 138 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 138 Page - ams AG

Back Button AS3911B Datasheet HTML 134Page - ams AG AS3911B Datasheet HTML 135Page - ams AG AS3911B Datasheet HTML 136Page - ams AG AS3911B Datasheet HTML 137Page - ams AG AS3911B Datasheet HTML 138Page - ams AG AS3911B Datasheet HTML 139Page - ams AG AS3911B Datasheet HTML 140Page - ams AG AS3911B Datasheet HTML 141Page - ams AG AS3911B Datasheet HTML 142Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 155 page
background image
AS3911B – 138
ams Datasheet: 2014-Jun-12 [v1-08]
A p pl i c at io n I n f o r m at i o n
The procedure is the following:
• Write the non-modulated level in the RFO Normal Level
Definition Register (usually it is all 0 to have the lower
possible output resistance).
• Switch on the transmitter.
• Send the direct command Measure Amplitude. Read result
from the A/D Converter Output Register.
• Calculate the target modulated level from the target
modulation index and result of the previous point.
• In the following iterations content of the RFO Normal
Level Definition Register is modified, the command
Measure Amplitude executed and result compared to the
target modulated level as long as the result is not equal
or as close as possible to the target modulated level.
• At the end the content of the RFO Normal Level Definition
Register which results in the target modulated level is
written in the RFO AM Modulated Level Definition Register
while the RFO Normal Level Definition Register is restored
with the non-modulated definition value.
Antenna Tuning
The AS3911B comprises the building blocks which make
possible checking and adjustment of the antenna LC tank
resonance frequency. The AS3911B Phase and Amplitude
Detector block is used for resonance frequency checking and
adjustment.
In order to implement the antenna LC tank calibration tuning
capacitors have to be connected between the two coil terminals
to the pins TRIM1_3 to TRIM1_0 and TRIM2_3 to TRIM2_0. In
case single driver is used only the pins TRIM1_3 to TRIM1_0 are
used, pins TRIM2_3 to TRIM2_0 are left open. Figure 126 depicts
connection of the trim capacitors for both, single and
differential driving for the simple case where the antenna LC
tank is directly connected to RFO pins.
The TRIM pins contain the HVNMOS switching transistors to VSS.
The on resistance of TRIM1_0 and TRIM2_0 switch transistors,
which are meant to be connected to LSB tuning capacitor is 50
Ω typ. at 3 V VSP_D, the on resistance of other pins is binary
weighted (the on resistance of TRIM1_3 and TRIM2_3 is 6.25
Ω
typ.) The breakdown voltage of the HVNMOS switch transistors
is 25V, which limits the maximum peak to peak voltage on LC
tank in case tuning is used.
During tuning procedure the resonance frequency is adjusted
by connecting some of the tuning capacitors to VSS and leaving
others floating. The Switches of the same binary weight are
driven from the same source and are both on or off (the switches
TRIM1_2 and TRIM2_2 are for example both either on or off ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com