Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 142 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 142 Page - ams AG

Back Button AS3911B Datasheet HTML 138Page - ams AG AS3911B Datasheet HTML 139Page - ams AG AS3911B Datasheet HTML 140Page - ams AG AS3911B Datasheet HTML 141Page - ams AG AS3911B Datasheet HTML 142Page - ams AG AS3911B Datasheet HTML 143Page - ams AG AS3911B Datasheet HTML 144Page - ams AG AS3911B Datasheet HTML 145Page - ams AG AS3911B Datasheet HTML 146Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 155 page
background image
AS3911B – 142
ams Datasheet: 2014-Jun-12 [v1-08]
A p pl i c at io n I n f o r m at i o n
Implementing active communication requires detection of
external field. Setting the bit en_fd in the Auxiliary Definition
Register enables the External Field Detector with Peer
Detection Threshold. When bit en_fd is selected and the
AS3911B is in Transparent mode, the External Field Detector
output is multiplexed to pin IRQ. This enables detection of
external target/initiator field and performing RF collision
avoidance.
In case timing of the NFC Field ON command is correct for the
NFC active protocol which is being implemented, these
commands can be used in combination with the Transparent
mode. These commands are used to perform the RF collision
avoidance, switching on the field and timing out the minimum
time from switching on the field to start of transmitting the
message. After getting the interrupt, the controller generates
the message in the Transparent mode.
When bit en_fd is set and all bits of the Operation Control
Register are set to 0 the AS3911B is in the low power NFC Target
Mode (same as in case of setting of targ bit, (see “NFCIP-1 Active
Communication Target” on page 133). In this mode initiator
field is detected. After getting an IRQ with I_eon flag set, the
controller turns on the oscillator, regulator and receiver and
performs reception in the Transparent mode.
MIFARE™ Classic Compatibility
For communication with MIFARE™ Classic compliant devices the
bit6 and bit7 from the register 05h can be used to enable Type
A custom frames. Alternatively stream mode of AS3911 can be
used to send and receive MIFARE™ Classic compliant or custom
frames.
Stream Mode
Stream mode can be used to implement protocols, where the
low level framing needed for ISO14443 receive coding can be
used and decoded information can be put in FIFO. The main
advantage of this mode over the Transparent mode is that
timing is generated in the AS3911B therefore the external
controller does not have to operate in real time. The stream
mode is selected in the Mode Definition Register, the operating
options are defined in the Stream Mode Definition Register.
Two different modes are supported for tag to reader
communication (Sub-carrier and BPSK Stream Modes). General
rule for Stream mode is that the first bit sent/received is put on
the LSB position of the FIFO byte.
After selecting the stream mode the Receiver and Transmitter
have to be configured properly (Analog Preset direct command
doesn't apply for stream mode).
Sub-carrier Stream Mode:
This mode supports protocols where during the tag to reader
communication the time periods with sub-carrier signal are
interchanged with time periods without modulation (like in the
ISO14443A 106 kbit/s mode). In this mode the sub-carrier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com