Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 140 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 140 Page - ams AG

Back Button AS3911B Datasheet HTML 136Page - ams AG AS3911B Datasheet HTML 137Page - ams AG AS3911B Datasheet HTML 138Page - ams AG AS3911B Datasheet HTML 139Page - ams AG AS3911B Datasheet HTML 140Page - ams AG AS3911B Datasheet HTML 141Page - ams AG AS3911B Datasheet HTML 142Page - ams AG AS3911B Datasheet HTML 143Page - ams AG AS3911B Datasheet HTML 144Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 155 page
background image
AS3911B – 140
ams Datasheet: 2014-Jun-12 [v1-08]
A p pl i c at io n I n f o r m at i o n
Figure 126:
Connection of Tuning Capacitors to the Antenna LC Tank in case of Single (left) and Differential
Driving (right)
Antenna Tuning Using ‘Antenna Calibration Control’ Register
There is also a possibility to control the position of the TRIM
switches by writing the Antenna Calibration Control Register.
When the bit trim_s of this register is set to 1 position of the
trim switches is controlled by bits tre_3 to tre_0.
Using this register and performing phase and amplitude
measurements (using direct commands Measure Phase and
Measure Amplitude) different tuning algorithms can be
implemented in the external controller.
Stream Mode and Transparent Mode
Standard and custom 13.56 MHz RFID reader protocols, which
are not supported by the AS3911B framing, can be realized
using the AS3911B AFE and framing implemented in the
external microcontroller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com