Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 137 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 137 Page - ams AG

Back Button AS3911B Datasheet HTML 133Page - ams AG AS3911B Datasheet HTML 134Page - ams AG AS3911B Datasheet HTML 135Page - ams AG AS3911B Datasheet HTML 136Page - ams AG AS3911B Datasheet HTML 137Page - ams AG AS3911B Datasheet HTML 138Page - ams AG AS3911B Datasheet HTML 139Page - ams AG AS3911B Datasheet HTML 140Page - ams AG AS3911B Datasheet HTML 141Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 155 page
background image
ams Datasheet: 2014-Jun-12 [v1-08]
AS3911B – 137
Appl icatio n I n f o rm a t i o n
Execution of Direct Command ‘Calibrate Modulation Depth’:
The modulation level is adjusted by increasing the RFO1 and
RFO2 driver output resistance. The RFO drivers are composed
of 8 binary weighted segments. Usually all these segments are
turned on to define the normal, non-modulated level, there is
also a possibility to increase the output resistance of the
non-modulated state by writing the RFO Normal Level
Definition Register.
Before sending the direct command Calibrate Modulation
Depth the oscillator and regulators have to be turned on. When
the direct command Calibrate Modulation Depth is sent the
following procedure is executed:
• The Transmitter is turned on, non-modulated level is
established.
• The amplitude of the non-modulated carrier level
established on the inputs RFI1 and RFI2 is measured by
the A/D converter and stored in the A/D Converter Output
Register.
• Based on the measurement of the non-modulated level
and the target modulated level defined by the bits mod5
to mod0 the target modulated level is calculated.
• The output driver control is taken over by the Calibrate
Register. Content of the Calibrate Register is modified using
successive approximation algorithm as long as long as the
measured level is equal or as close as possible to target
modulated level calculated in previous step.
• Final state of the Calibrate Register is copied in the AM
Modulation Depth Display Register. Content of this
register is used to define the AM modulated level.
Note(s): After this calibration procedure is finished, the content
of the RFO Normal Level Definition Register should not be
changed. Modification of this register content will change the
non-modulated amplitude and therefore the ratio between the
modulated and non-modulated level will be changed. Please
also note that in case the calibration of antenna resonant
frequency in used, command Calibrate Antenna has to be run
before AM modulation depth adjustment.
AM Modulation Depth Definition using the ‘RFO AM
Modulated Level Definition’ Register
When the bit 7 (am_s) of the AM Modulation Depth Control
Register is set to 1 the AM modulated level is controlled by
writing the RFO AM Modulated Level Definition Register. In case
setting of the modulated level is already known it is not
necessary to run the calibration procedure, the modulated level
can simply be defined by writing this register.
It is also possible to implement calibration procedure in
external controller using the RFO Normal Level Definition
Register and the direct command Measure Amplitude. This
procedure has to be used in case the target modulation depth
is deeper than 33%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com