Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 131 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 131 Page - ams AG

Back Button AS3911B Datasheet HTML 127Page - ams AG AS3911B Datasheet HTML 128Page - ams AG AS3911B Datasheet HTML 129Page - ams AG AS3911B Datasheet HTML 130Page - ams AG AS3911B Datasheet HTML 131Page - ams AG AS3911B Datasheet HTML 132Page - ams AG AS3911B Datasheet HTML 133Page - ams AG AS3911B Datasheet HTML 134Page - ams AG AS3911B Datasheet HTML 135Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 155 page
background image
ams Datasheet: 2014-Jun-12 [v1-08]
AS3911B – 131
Appl icatio n I n f o rm a t i o n
NFCIP-1 Active Communication Initiator
During NFCIP-1 active communication both, initiator and target
switch on its field when transmitting and switch off its field
when receiving. In order to operate as NFCIP-1 active
communication initiator the AS3911B has to be configured
according to table below (bit targ in the Mode Definition
Register has to be 0):
Figure 124:
Operation Mode and Bit Rate Setting for NFCIP-1 Active Communication Initiator
After selecting the NFCIP-1 active communication mode the
Receiver and Transmitter have to be configured properly. This
configuration can be done automatically by sending direct
command Analog Preset (see “Analog Preset” on page 54).
During NFCIP-1 active communication the RF Collision
avoidance and switching on the field is performed using ‘NFC
Field ON’ commands (see “NFC Field ON Commands” on
page 53), while the sending of message is performed using
Transmit commands as in the case of reader communication.
Alternatively the Response RF Collision Avoidance sequence is
started automatically when the switching off of target field is
detected in case the bit nfc_ar in the Mode Definition Register
is set.
When NFCIP-1 mode is activated the External Field Detector is
automatically enabled by setting bit en_fd in the Auxiliary
Display Register. The Peer Detection Threshold is used to detect
target field. During execution of ‘NFC Field ON’ commands, the
Collision Avoidance Threshold is used.
Initial set-up of the Operation Control Register before the start
of communication is the same as in case of reader to tag
communication with the exception that the transmitter is not
enabled by setting the tx_en bit. The tx_en bit and therefore
switching on of the transmitter is controlled by NFC Field ON
commands. Switching off the field is performed automatically
after a message has been sent. The General Purpose and
No-response Timer Control Register is used to define the time
during which the field stays switched on after a message has
been transmitted.
NFCIP-1 Bit Rate
[kb/s]
Initiator
Operation
Mode Setting
Bit Rate for
Tx
[kb/s]
Bit Rate for Rx
[kb/s]
Comment
106
NFCIP-1 active
communication
fc/128 (~106)
x
For all NFCIP-1
communication,
data rate is the same
in both directions.
212
NFCIP-1 active
communication
fc/64 (~212)
x
424
NFCIP-1 active
communication
fc/32 (~424)
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com