Electronic Components Datasheet Search
  English  ▼

X  

C508 Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 27Page - Infineon Technologies AG C508 Datasheet HTML 28Page - Infineon Technologies AG C508 Datasheet HTML 29Page - Infineon Technologies AG C508 Datasheet HTML 30Page - Infineon Technologies AG C508 Datasheet HTML 31Page - Infineon Technologies AG C508 Datasheet HTML 32Page - Infineon Technologies AG C508 Datasheet HTML 33Page - Infineon Technologies AG C508 Datasheet HTML 34Page - Infineon Technologies AG C508 Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 93 page
background image
C508
Data Sheet
27
2000-08
Timer/Counter 0 and 1
Timer/Counter 0 and 1 can be used in four operating modes as listed in Table 5.
In the timer function (C/T = ‘0’) the register is incremented every machine cycle.
Therefore the count rate is
fOSC/3.
Figure 10
Timer/Counter 0 and 1 Input Clock Logic
In the “counter” function, the register is incremented in response to a 1-to-0 transition at
its corresponding external input pin (P3.4/T0, P3.5/T1). Since it takes two machine
cycles to detect a falling edge the max. count rate is
fOSC/6. External inputs INT0 and
INT1 (P3.2, P3.3) can be programmed to function as a gate to facilitate pulse width
measurements. Figure 10 illustrates the input clock logic.
Table 5
Timer/Counter 0 and 1 Operating Modes
Mode Description
TMOD
Input Clock
M1
M0
Internal
0
8-bit timer/counter with a divide-by-32 prescaler 0
0
fOSC/3 ×
2<prescaler>
1
16-bit timer/counter
1
0
fOSC/3
2
8-bit timer/counter with 8 bit auto-reload
1
1
3
Timer/Counter 0 used as one 8-bit timer/counter
and one 8-bit timer
Timer 1 stops
01
MCT04100
OSC ÷3
=1
1
&
P3.4/T0
P3.5/T1
P3.2/INT0
P3.3/INT1
Control
1
0
GATE
TMOD
TR0/1
TCON
C/T
TMOD
Timer 0/1
Input Clock
Pin
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com