Electronic Components Datasheet Search
  English  ▼

X  

C508 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 10Page - Infineon Technologies AG C508 Datasheet HTML 11Page - Infineon Technologies AG C508 Datasheet HTML 12Page - Infineon Technologies AG C508 Datasheet HTML 13Page - Infineon Technologies AG C508 Datasheet HTML 14Page - Infineon Technologies AG C508 Datasheet HTML 15Page - Infineon Technologies AG C508 Datasheet HTML 16Page - Infineon Technologies AG C508 Datasheet HTML 17Page - Infineon Technologies AG C508 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 93 page
background image
C508
Data Sheet
10
2000-08
P0.0-
P0.7
57 - 64
1 - 8
I/O
Port 0
is an 8-bit open-drain bidirectional I/O port. Port
0 pins that have “1”s written to them float, and
in that state can be used as high-impedance
inputs. Port 0 is also the multiplexed low-order
address and data bus during accesses to
external program or data memory. In this
application it uses strong internal pullup
transistors when issuing “1”s.
Port 0 also outputs the code bytes during
program verification in the C508-4R. External
pullup resistors are required during program
verification.
P5.0-
P5.7
15 - 22
23 - 30
I/O
Port 5
is a an 8-bit quasi-bidirectional I/O port with
internal pullup transistors. Port 5 pins that have
“1”s written to them are pulled high by the
internal pullup resistors, and in that state can
be used as inputs. As inputs, Port 5 pins being
externally pulled low will source current (
IIL, in
the DC characteristics) because of the internal
pullup transistors.
As secondary functions, Port 5 contains the
interrupt and Timer 2 capture/compare pins.
They are assigned to the pins as follows:
P5.0/T2CC0/INT3 T2 Compare/Capture
output 0/Interrupt 3 input
P5.1/T2CC1/INT4 T2 Compare/Capture
output 1/Interrupt 4 input
P5.2/T2CC2/INT5 T2 Compare/Capture
output 2/Interrupt 5 input
P5.3/T2CC3/INT6 T2 Compare/Capture
output 3/Interrupt 6 input
P5.4/INT2
Interrupt 2 input
P5.5/INT9
Interrupt 9 input
P5.6/INT8
Interrupt 8 input
P5.7/INT7
Interrupt 7 input
Table 1
Pin Defintions and Functions (cont’d)
Sym-
bol
Pin Numbers
I/O1) Function
P-MQFP-64 P-SDIP-64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com