Electronic Components Datasheet Search
  English  ▼

X  

C508 Datasheet(PDF) 72 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 72 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 68Page - Infineon Technologies AG C508 Datasheet HTML 69Page - Infineon Technologies AG C508 Datasheet HTML 70Page - Infineon Technologies AG C508 Datasheet HTML 71Page - Infineon Technologies AG C508 Datasheet HTML 72Page - Infineon Technologies AG C508 Datasheet HTML 73Page - Infineon Technologies AG C508 Datasheet HTML 74Page - Infineon Technologies AG C508 Datasheet HTML 75Page - Infineon Technologies AG C508 Datasheet HTML 76Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 93 page
background image
C508
Data Sheet
68
2000-08
Power Supply Current
Parameter
Symbol
Limit Values
Unit Test
Condition
typ.12) max.13)
Active mode
C508-4E 5 MHz
10 MHz
IDD
IDD
22.7
44.5
26.6
50.7
mA
mA
6)
C508-4R 5 MHz
10 MHz
IDD
IDD
t.b.d.
t.b.d.
t.b.d.
t.b.d.
mA
mA
6)
Idle mode
C508-4E 5 MHz
10 MHz
IDD
IDD
18.8
20.1
22.1
24.3
mA
mA
7)
C508-4R 5 MHz
10 MHz
IDD
IDD
t.b.d.
t.b.d.
t.b.d.
t.b.d.
mA
mA
7)
Active mode with
slow-down enabled
C508-4E 5 MHz
10 MHz
IDD
IDD
6.5
8.8
7.5
10.0
mA
mA
8)
C508-4R 5 MHz
10 MHz
IDD
IDD
t.b.d.
t.b.d.
t.b.d.
t.b.d.
mA
mA
8)
Idle mode with
slow-down enabled
C508-4E 5 MHz
10 MHz
IDD
IDD
6.4
8.2
7.5
9.2
mA
mA
9)
C508-4R 5 MHz
10 MHz
IDD
IDD
t.b.d.
t.b.d.
t.b.d.
t.b.d.
mA
mA
9)
Power-down mode
C508-4E
IPD
0.5
20.0
µA
VDD =2 …
5.5 V5)
C508-4R
IPD
t.b.d.
t.b.d.
µA
VDD =2 …
5.5 V5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com