Electronic Components Datasheet Search
  English  ▼

X  

C508 Datasheet(PDF) 65 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 65 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 61Page - Infineon Technologies AG C508 Datasheet HTML 62Page - Infineon Technologies AG C508 Datasheet HTML 63Page - Infineon Technologies AG C508 Datasheet HTML 64Page - Infineon Technologies AG C508 Datasheet HTML 65Page - Infineon Technologies AG C508 Datasheet HTML 66Page - Infineon Technologies AG C508 Datasheet HTML 67Page - Infineon Technologies AG C508 Datasheet HTML 68Page - Infineon Technologies AG C508 Datasheet HTML 69Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 93 page
background image
C508
Data Sheet
61
2000-08
XTAL1
48
50
I
XTAL1
Input to the oscillator amplifier.
VSS
24, 43, 55
32, 51, 63
–
Ground (0 V)
must be applied in programming mode.
VDD
23, 44, 56
31, 52, 64
–
Power Supply (+ 5 V)
must be applied in programming mode.
P2.7-
P2.0
47 - 54
55 - 62
I
Address lines
P2.0-P2.7 are used as multiplexed address input
lines A0-A7 and A8-A14. A8-A14 must be
latched with PALE.
PSEN
46
54
I
Program store enable
This input must be at static ‘0’ level during the
whole programming mode.
PROG
45
53
I
Programming mode write strobe
This input is used in programming mode as a
write strobe for OTP memory program and lock
bit write operations. During basic programming
mode selection, a low level must be applied to
PROG.
EA/
VPP
210
–
Programming voltage
This pin must be at 11.5 V (
VPP) voltage level
during programming of an OTP memory byte or
lock bit. During an OTP memory read operation,
this pin must be at
VIH2 high level. This pin is also
used for basic programming mode selection. For
basic programming mode selection a low level
must be applied to EA/
VPP.
P0.7-
P0.0
57 - 64
1 - 8
I/O
Data lines
In programming mode, data bytes are transferred
via the bi-directional D7-D0 lines which are
located at Port 0.
N.C.
3 - 12,
15 - 22,
25 - 32,
38 - 40
11 - 30,
33 - 40,
46 - 48
–
Not Connected
These pins should not be connected in
programming mode.
1) I = Input
O= Output
Table 14
Pin Definitions and Functions of the C508-4E
in Programming Mode (cont’d)
Symbol
Pin Number
I/O1) Function
P-MQFP-64-1 P-SDIP-64-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com