Electronic Components Datasheet Search
  English  ▼

X  

C508 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 8Page - Infineon Technologies AG C508 Datasheet HTML 9Page - Infineon Technologies AG C508 Datasheet HTML 10Page - Infineon Technologies AG C508 Datasheet HTML 11Page - Infineon Technologies AG C508 Datasheet HTML 12Page - Infineon Technologies AG C508 Datasheet HTML 13Page - Infineon Technologies AG C508 Datasheet HTML 14Page - Infineon Technologies AG C508 Datasheet HTML 15Page - Infineon Technologies AG C508 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 93 page
background image
C508
Data Sheet
8
2000-08
P2.0-
P2.7
47 - 54
55 - 62
I/O
Port 2
is an 8-bit quasi-bidirectional I/O port with
internal pullup transistors. Port 2 pins that have
“1”s written to them are pulled high by the
internal pullup resistors, and in that state can
be used as inputs. As inputs, Port 2 pins being
externally pulled low will source current (
IIL, in
the DC characteristics) because of the internal
pullup transistors.
Port 2 emits the high-order address byte during
fetches from external program memory and
during accesses to external data memory that
use 16-bit addresses (MOVX @DPTR). In this
application it uses strong internal pullup
transistors when issuing “1”s. During accesses
to external data memory that use 8-bit
addresses (MOVX @Ri), Port 2 issues the
contents of the P2 special function register and
uses only the internal pullup transistors.
As I/O functions, Port 2 pins also have LED
drive capability of up to 10 mA sinking current
per pin.
XTAL1 42
50
I
XTAL1
Input to the inverting oscillator amplifier and
input to the internal clock generator circuits.
To drive the device from an external clock
source, XTAL1 should be driven, while XTAL2
is left unconnected.
Minimum and maximum high and low times as
well as rise/fall times specified in the AC
characteristics must be observed.
XTAL2 41
49
O
XTAL2
Output of the inverting oscillator amplifier.
Table 1
Pin Defintions and Functions (cont’d)
Sym-
bol
Pin Numbers
I/O1) Function
P-MQFP-64 P-SDIP-64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com