Electronic Components Datasheet Search
  English  ▼

X  

C508 Datasheet(PDF) 44 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 44 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 40Page - Infineon Technologies AG C508 Datasheet HTML 41Page - Infineon Technologies AG C508 Datasheet HTML 42Page - Infineon Technologies AG C508 Datasheet HTML 43Page - Infineon Technologies AG C508 Datasheet HTML 44Page - Infineon Technologies AG C508 Datasheet HTML 45Page - Infineon Technologies AG C508 Datasheet HTML 46Page - Infineon Technologies AG C508 Datasheet HTML 47Page - Infineon Technologies AG C508 Datasheet HTML 48Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 93 page
background image
C508
Data Sheet
40
2000-08
Baud Rate Generation
There are several possibilities to generate the baud rate clock for the serial port
depending on the mode in which it is operating.
Figure 18
Baud Rate Generation for the Serial Port
For clarification, some terms regarding the difference between “baud rate clock” and
“baud rate” should be mentioned. The serial interface requires a clock rate which is
16 times the baud rate for internal synchronization. Therefore, the baud rate generators
must provide a “baud rate clock” to the serial interface which - there divided by 16 -
results in the actual “baud rate”. However, all formulas given in the following section
already include the factor and calculate the final baud rate. Further, the abbreviation
fOSC refers to the external clock frequency (oscillator or external input clock operation).
Depending on the programmed operating mode different paths are selected for the baud
rate clock generation. Figure 18 shows the dependencies of the serial port baud rate
clock generation on the two control bits and from the mode which is selected in the
special function register SCON.
MCS04074
SCON.7/
SCON.6
(SM0/SM1)
Mode 1
Mode 3
Mode 2
Mode 0
2
f
OSC
Timer 1 Overflow
Only one mode
can be selected
PCON.7
(SMOD)
÷ 2
Baudrate
Clock
0
1
Note: The switch configuration shows the reset state
ADCON0.7
(BD)
0
1
Baudrate
Generator
(SRELH
SRELL)
÷ 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com