Electronic Components Datasheet Search
  English  ▼

X  

C508 Datasheet(PDF) 90 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 90 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 85Page - Infineon Technologies AG C508 Datasheet HTML 86Page - Infineon Technologies AG C508 Datasheet HTML 87Page - Infineon Technologies AG C508 Datasheet HTML 88Page - Infineon Technologies AG C508 Datasheet HTML 89Page - Infineon Technologies AG C508 Datasheet HTML 90Page - Infineon Technologies AG C508 Datasheet HTML 91Page - Infineon Technologies AG C508 Datasheet HTML 92Page - Infineon Technologies AG C508 Datasheet HTML 93Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 90 / 93 page
background image
C508
Data Sheet
86
2000-08
Figure 45
AC Testing: Float Waveforms
Figure 46
Recommended Oscillator Circuits for Crystal Oscillator
For timing purposes a port pin is no longer floating when a 100 mV change
from load voltage occurs and begins to float when a 100 mV change from
the loaded
VOH/VOL level occurs.
IOL/IOH ≥± 20 mA
MCT00038
V
Load
V
Load
-0.1 V
+0.1 V
Load
V
Timing Reference
Points
V
OH
-0.1 V
+0.1 V
OL
V
External Oscillator
Signal
MCS04108
5 -10 MHz
C
C
Crystal Mode:
C = 20 pF + 10 pF
(incl. Stray Capacitance)
Crystal Oscillator Mode
Driving from External Source
XTAL2
XTAL1
XTAL2
XTAL1
N.C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com