Electronic Components Datasheet Search
  English  ▼

X  

C508 Datasheet(PDF) 68 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 68 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 64Page - Infineon Technologies AG C508 Datasheet HTML 65Page - Infineon Technologies AG C508 Datasheet HTML 66Page - Infineon Technologies AG C508 Datasheet HTML 67Page - Infineon Technologies AG C508 Datasheet HTML 68Page - Infineon Technologies AG C508 Datasheet HTML 69Page - Infineon Technologies AG C508 Datasheet HTML 70Page - Infineon Technologies AG C508 Datasheet HTML 71Page - Infineon Technologies AG C508 Datasheet HTML 72Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 93 page
background image
C508
Data Sheet
64
2000-08
Lock Bits Programming/Read
The C508-4E has two programmable lock bits which, when programmed according to
Table 16, provide four levels of protection for the on-chip OTP code memory. The state
of the lock bits can also be read.
Note: A ‘1’ means that the lock bit is unprogrammed, a ‘0’ means that lock bit is
programmed.
Table 16
Lock Bit Protection Types
Lock Bits at D1,D0 Protection
Level
Protection Type
D1
D0
1
1
Level 0
The OTP lock feature is disabled. During normal
operation of the C508-4E, the state of the EA pin is
not latched on reset.
1
0
Level 1
During normal operation of the C508-4E, MOVC
instructions executed from external program memory
are disabled from fetching code bytes from internal
memory. EA is sampled and latched on reset. An
OTP memory read operation is only possible
according to OTP verification mode 2. Further
programming of the OTP memory is disabled
(reprogramming security).
0
1
Level 2
Same as Level 1, but also OTP memory read
operation using OTP verification mode is disabled.
0
0
Level 3
Same as Level 2, but additionally external code
execution by setting EA = low during normal
operation of the C508-4E is no longer possible.
External code execution, initiated by an internal
program (e.g. by an internal jump instruction above
the OTP memory boundary), is still possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com