Electronic Components Datasheet Search
  English  ▼

X  

C508 Datasheet(PDF) 71 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 71 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 67Page - Infineon Technologies AG C508 Datasheet HTML 68Page - Infineon Technologies AG C508 Datasheet HTML 69Page - Infineon Technologies AG C508 Datasheet HTML 70Page - Infineon Technologies AG C508 Datasheet HTML 71Page - Infineon Technologies AG C508 Datasheet HTML 72Page - Infineon Technologies AG C508 Datasheet HTML 73Page - Infineon Technologies AG C508 Datasheet HTML 74Page - Infineon Technologies AG C508 Datasheet HTML 75Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 93 page
background image
C508
Data Sheet
67
2000-08
Output high voltage
(Port 0 in external bus
mode, ALE, PSEN)
VOH2 CC 2.4
0.9
VDD
–
–
V
V
IOH =– 800 µA
4)
IOH =– 80 µA
4)
Logic 0 input current
(Ports 1, 2, 3, 5)
IIL
SR
– 10
– 70
µA
VIN =0.45 V
Logical 0-to-1
transition current
(Ports 1, 2, 3, 5)
ITL
SR
– 65
– 650
µA
VIN =2 V
Input leakage current
(Port 0, AN0-7
(Port 4), EA)
ILI
CC –
± 1
µA0.45 < V
IN < VDD
Pin capacitance
CIO CC –
10
pF
fc =1 MHz,
TA =25 °C
Overload current
IOV SR –
± 5mA 11) 12)
Programming
voltage1)
VPP SR 10.9
12.1
V
11.5 V
± 5%
See the following pages for notes.
DC Characteristics (cont’d)
(Operating Conditions apply)
Parameter
Symbol
Limit Values
Unit Test
Condition
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com