Electronic Components Datasheet Search
  English  ▼

X  

C508 Datasheet(PDF) 59 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 59 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 55Page - Infineon Technologies AG C508 Datasheet HTML 56Page - Infineon Technologies AG C508 Datasheet HTML 57Page - Infineon Technologies AG C508 Datasheet HTML 58Page - Infineon Technologies AG C508 Datasheet HTML 59Page - Infineon Technologies AG C508 Datasheet HTML 60Page - Infineon Technologies AG C508 Datasheet HTML 61Page - Infineon Technologies AG C508 Datasheet HTML 62Page - Infineon Technologies AG C508 Datasheet HTML 63Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 93 page
background image
C508
Data Sheet
55
2000-08
State of Pins in Software Initiated Power Saving Modes
In the idle mode and power down mode, the port pins of the C508 have well defined
states which is listed in the following Table 12. The state of some pins also depends on
the location of the code memory (internal or external).
In the power down mode of operation,
VDD can be reduced to minimize power
consumption. It must be ensured, however, that
VDD is not reduced before the power
down mode is invoked and the
VDD is restored to its normal operation level, before the
power down mode is terminated. Table 13 gives a general overview of the entry and exit
procedures of the power saving modes.
Table 12
Status of External Pins During Idle and
Software Power Down Mode
Outputs
Last Instruction Executed from
Internal Code Memory
Last Instruction Executed from
External Code Memory
Idle
Power Down
Idle
Power Down
ALE
High
Low
High
Low
PSEN
High
Low
High
Low
PORT 0
Data
Data
Float
Float
PORT 2
DataDataAddress
Data
PORT 1, 3, 4, 5 Data / alternate
outputs
Data /
last output
Data / alternate
outputs
Data / last
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com