Electronic Components Datasheet Search
  English  ▼

X  

C508 Datasheet(PDF) 66 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 66 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 62Page - Infineon Technologies AG C508 Datasheet HTML 63Page - Infineon Technologies AG C508 Datasheet HTML 64Page - Infineon Technologies AG C508 Datasheet HTML 65Page - Infineon Technologies AG C508 Datasheet HTML 66Page - Infineon Technologies AG C508 Datasheet HTML 67Page - Infineon Technologies AG C508 Datasheet HTML 68Page - Infineon Technologies AG C508 Datasheet HTML 69Page - Infineon Technologies AG C508 Datasheet HTML 70Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 93 page
background image
C508
Data Sheet
62
2000-08
Programming Mode Selection
The selection for the OTP programming mode can be separated into two different parts:
– Basic programming mode selection
– Access mode selection
With basic programming mode selection, the device is put into the mode in which it is
possible to access the OTP memory through the programming interface logic. Further,
after selection of the basic programming mode, OTP memory accesses are executed by
using one of the access modes. These access modes are OTP memory byte program/
read, version byte read, and program/read lock byte operations.
Basic Programming Mode Selection
The basic programming mode selection scheme is shown in Figure 31.
Figure 31
Basic Programming Mode Selection
MCD04093
V
DD
5 V
Clock
(XTAL1/
XTAL2)
RESET
"1"
PSEN
"0"
PMSEL1,0
PROG
PRD
"1"
"0"
0,1
PSEL
PALE
"0"
EA/
V
PP
V
PP
V
IH2
0 V
Ready for access
mode selection
During this period signals
are not actively driven
Stable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com