Electronic Components Datasheet Search
  English  ▼

X  

C508 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 7Page - Infineon Technologies AG C508 Datasheet HTML 8Page - Infineon Technologies AG C508 Datasheet HTML 9Page - Infineon Technologies AG C508 Datasheet HTML 10Page - Infineon Technologies AG C508 Datasheet HTML 11Page - Infineon Technologies AG C508 Datasheet HTML 12Page - Infineon Technologies AG C508 Datasheet HTML 13Page - Infineon Technologies AG C508 Datasheet HTML 14Page - Infineon Technologies AG C508 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 93 page
background image
C508
Data Sheet
7
2000-08
RESET 1
9
I
RESET
A high level on this pin for one machine cycle
while the oscillator is running resets the device.
An internal diffused resistor to
VSS permits
power-on reset using only an external
capacitor to
VDD.
P3.0-
P3.7
33 - 40
33
34
35
36
37
38
39
40
41 - 48
41
42
43
44
45
46
47
48
I/O
Port 3
is an 8-bit quasi-bidirectional port with internal
pull-up transistors. Port 3 pins that have “1”s
written to them are pulled high by the internal
pull-up transistors and in that state can be used
as inputs. As inputs, Port 3 pins being
externally pulled low will source current (
IIL, in
the DC characteristics) because of the internal
pullup transistors. The output latch
corresponding secondary function must be
programmed to a one (1) for that function to
operate (except for TxD and WR).
The secondary functions are assigned to the
pins of Port 3 as follows:
P3.0/RxD
Receiver data input (asynch.) or
data input/output (synch.) of serial
interface
P3.1/TxD
Transmitter data output (asynch.)
or clock output (synch.) of serial
interface
P3.2/INT0
External interrupt 0 input/timer 0
gate control input
P3.3/INT1
External interrupt 1 input/timer 1
gate control input
P3.4/T0
Timer 0 counter input
P3.5/T1
Timer 1 counter input
P3.6/WR
WR control output; latches the
data byte from port 0 into the
external data memory
P3.7/RD
RD control output; enables the
external data memory
Table 1
Pin Defintions and Functions (cont’d)
Sym-
bol
Pin Numbers
I/O1) Function
P-MQFP-64 P-SDIP-64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com