Electronic Components Datasheet Search
  English  ▼

X  

C508 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 2Page - Infineon Technologies AG C508 Datasheet HTML 3Page - Infineon Technologies AG C508 Datasheet HTML 4Page - Infineon Technologies AG C508 Datasheet HTML 5Page - Infineon Technologies AG C508 Datasheet HTML 6Page - Infineon Technologies AG C508 Datasheet HTML 7Page - Infineon Technologies AG C508 Datasheet HTML 8Page - Infineon Technologies AG C508 Datasheet HTML 9Page - Infineon Technologies AG C508 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 93 page
background image
C508
Data Sheet
2
2000-08
• Three 16-bit timers/counters
– Timer 0/1 (C501 compatible)
– Timer 2 with 4 channels for 16-bit capture/compare operation
• Capture/compare unit for PWM signal generation
– 3-channel, 16-bit capture/compare unit
– 1-channel, 10-bit compare unit
• Full duplex serial interface with programmable baudrate generator (USART)
• 8-channel 10-bit A/D Converter
• 19 interrupt vectors with four priority levels
• On-chip emulation support logic (Enhanced Hooks TechnologyTM)
• Programmable 15-bit Watchdog Timer
• Oscillator Watchdog
• Fast Power On Reset
• Power Saving Modes
– Slow-down mode
– Idle mode (can be combined with slow-down mode)
– Software power-down mode with wake up capability through INT0 or INT7
• ALE switch-off capability for reduction in RFI emission
• P-MQFP-64-1, P-SDIP-64-2 packages
• Temperature ranges:
SAB-C508
TA = 0 to 70 °C
SAF-C508
TA = – 40 to 85 °C
Ordering Information
The ordering code for Infineon Technologies microcontrollers provides an exact
reference to the required product. This ordering code indentifies:
• The derivative itself, i.e. its function set
• the specified temperature range
• the package and the type of delivery
For the available ordering codes for the C508, please refer to the “Product Information
Microcontrollers” which summarizes all available microcontroller variants.
Note: The ordering codes for the Mask-ROM versions are defined for each product after
verification of the respective ROM code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com