Electronic Components Datasheet Search
  English  ▼

X  

C508 Datasheet(PDF) 79 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 79 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 75Page - Infineon Technologies AG C508 Datasheet HTML 76Page - Infineon Technologies AG C508 Datasheet HTML 77Page - Infineon Technologies AG C508 Datasheet HTML 78Page - Infineon Technologies AG C508 Datasheet HTML 79Page - Infineon Technologies AG C508 Datasheet HTML 80Page - Infineon Technologies AG C508 Datasheet HTML 81Page - Infineon Technologies AG C508 Datasheet HTML 82Page - Infineon Technologies AG C508 Datasheet HTML 83Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 93 page
background image
C508
Data Sheet
75
2000-08
AC Characteristics
(Operating conditions apply)
(
CL for Port 0, ALE and PSEN outputs = 100 pF; CL for all other outputs = 80 pF)
Parameter
Symbol
Limit Values
Unit
10-MHz
clock
Duty Cycle
0.5 to 0.5
Variable Clock
1/
4TCL = 5 MHz to
10 MHz
min.
max.
min.
max.
Program Memory Characteristics
ALE pulse width
tLHLL CC 35
–
2TCL – 15 –
ns
Address setup to ALE
tAVLL CC 10
–
TCL – 15
–
ns
Address hold after ALE
tLLAX CC 10
–
TCL – 15
–
ns
ALE low to valid instr in
tLLIV SR –
55
–
4 TCL – 45 ns
ALE to PSEN
tLLPL CC 10
–
TCL – 15
–
ns
PSEN pulse width
tPLPH CC 60
–
3 TCL – 15 –
ns
PSEN to valid instr in
tPLIV SR –
25
–
3 TCL – 50 ns
Input instruction hold after
PSEN
tPXIX SR 0
–
0
–
ns
Input instruction float after
PSEN
tPXIZ
1) SR –
20
–
TCL – 5
ns
Address valid after PSEN
tPXAV
1)CC 20
–
TCL – 5
–
ns
Address to valid instr in
tAVIV SR –
65
–
5 TCL – 60 ns
Address float to PSEN
tAZPL CC – 5
–
– 5
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com