Electronic Components Datasheet Search
  English  ▼

X  

C508 Datasheet(PDF) 73 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 73 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 69Page - Infineon Technologies AG C508 Datasheet HTML 70Page - Infineon Technologies AG C508 Datasheet HTML 71Page - Infineon Technologies AG C508 Datasheet HTML 72Page - Infineon Technologies AG C508 Datasheet HTML 73Page - Infineon Technologies AG C508 Datasheet HTML 74Page - Infineon Technologies AG C508 Datasheet HTML 75Page - Infineon Technologies AG C508 Datasheet HTML 76Page - Infineon Technologies AG C508 Datasheet HTML 77Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 93 page
background image
C508
Data Sheet
69
2000-08
Notes:
1) Applicable to C508-4E only.
2) Applicable to C508-4R only.
3) Capacitive loading on ports 0 and 2 may cause spurious noise pulses to be superimposed on the V
OL of ALE
and port 3. The noise is due to external bus capacitance discharging into the port 0 and port 2 pins when these
pins make 1-to-0 transitions during bus operation. In the worst case (capacitive loading > 100 pF), the noise
pulse on ALE line may exceed 0.8 V. In such cases it may be desirable to qualify ALE with a Schmitt-trigger,
or use an address latch with a Schmitt-trigger strobe input.
4) Capacitive loading on ports 0 and 2 may cause the V
OH on ALE and PSEN to momentarily fall below the
0.9
VDD specification when the address lines are stabilizing.
5) I
PD (power-down mode) is measured under following conditions:
EA = Port 0 =
VSS; RESET = VSS; XTAL2 = N.C.; XTAL1 = VSS; VAGND = VSS; VAREF = VDD; all other pins
are disconnected.
6) I
DD (active mode) is measured with:
XTAL1 driven with
tR, tF =5ns, VIL = VSS + 0.5 V, VIH = VDD – 0.5 V; XTAL2 = N.C.;
EA =Port 0=
VDD; RESET = VDD; all other pins are disconnected. IDD would be slightly higher if the crystal
oscillator is used (approx. 1 mA).
7) I
DD (idle mode) is measured with all output pins disconnected and with all peripherals disabled;
XTAL1 driven with
tR , tF = 5 ns, VIL = VSS +0.5 V, VIH = VDD – 0.5 V; XTAL2 = N.C.;
RESET = EA =
VSS; Port0 = VDD ; all other pins are disconnected.
8) I
DD (active mode with slow-down mode) is measured with all output pins disconnected and with all peripherals
disabled; XTAL1 driven with
tR, tF =5ns, VIL = VSS + 0.5 V, VIH = VDD – 0.5 V; XTAL2 = N.C.;
RESET = EA =
VSS; Port0 = VDD; all other pins are disconnected; the microcontroller is put into slow-down
mode by software.
9) I
DD (idle mode with slow-down mode) is measured all output pins disconnected and with all peripherals
disabled; XTAL1 driven with
tR, tF =5ns, VIL = VSS + 0.5 V, VIH = VDD – 0.5 V; XTAL2 = N.C.;
RESET = EA =
VSS; Port0 = VDD; all other pins are disconnected; the microcontroller is put into idle mode with
slow-down mode enabled by software.
10) Overload conditions under operating conditions are exceeded, i.e. the voltage on any pin exceeds the specified
range (i.e.
VOV > VDD + 0.5 V or VOV < VSS – 0.5 V). The absolute sum of input currents on all port pins may
not exceed 50 mA. The supply voltage
VDD and VSS must remain within the specified limits.
11) Not 100% tested, guaranteed by design characterization
12) The typical I
DD values are periodically measured at TA = + 25 °C but not 100% tested.
13) The maximum I
DD values are measured under worst case conditions (TA = 0 °C or – 40 °C and VDD =5.5 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com