| Electronic Components Datasheet Search |
|
C508 Datasheet(PDF) 60 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C508 Datasheet(HTML) 60 Page - Infineon Technologies AG |
|
60 / 93 page ![]() C508 Data Sheet 56 2000-08 Table 13 Power Saving Modes Overview Mode Entering 2-Instruction Example Leaving by Remarks Idle Mode ORL PCON,#01H ORL PCON,#20H Occurance of any enabled interrupt CPU clock is stopped; CPU maintains its data; peripheral units are active (if enabled) and provided with clock Hardware Reset Slow Down Mode In normal mode: ORL PCON,#10H ANL PCON,#0EFH or Hardware Reset Internal clock rate is reduced to a factor of 1/ 32 of the nominal system clock rate (1/16 of fOSC) With idle mode: ORL PCON,#01H ORL PCON,#30H Occurance of any enabled interrupt to exit idle mode and the instruction ANL PCON,#0EFH to terminate slow down mode CPU clock is stopped; CPU maintains all its data; Peripheral units are active (if enabled) and provided with 1/32 of the nominal system clock rate (1/16 of fOSC) Hardware Reset Software Power Down mode With external wake-up capability from power down enabled ORL SYSCON,#10H ORL PCON1,#80H (to wake-up via pin P3.2/INT0) or ORL PCON1,#90H (to wake-up via pin P5.7/INT7) ANL SYSCON,#0EFH ORL PCON,#02H ORL PCON,#40H Hardware Reset Oscillator is stopped; Contents of on-chip RAM and SFR’s are maintained When P3.2/INT0 (or P5.7/ INT7) goes low for at least 10 µs (latch phase). But it is desired that the corresponding pin must be held at high level during the power down mode entry and up to the wake-up. With external wake-up capability from power down disabled ORL PCON,#02H ORL PCON,#40H Hardware Reset |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |