Electronic Components Datasheet Search
  English  ▼

X  

C508 Datasheet(PDF) 56 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 56 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 52Page - Infineon Technologies AG C508 Datasheet HTML 53Page - Infineon Technologies AG C508 Datasheet HTML 54Page - Infineon Technologies AG C508 Datasheet HTML 55Page - Infineon Technologies AG C508 Datasheet HTML 56Page - Infineon Technologies AG C508 Datasheet HTML 57Page - Infineon Technologies AG C508 Datasheet HTML 58Page - Infineon Technologies AG C508 Datasheet HTML 59Page - Infineon Technologies AG C508 Datasheet HTML 60Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 93 page
background image
C508
Data Sheet
52
2000-08
The Watchdog Timer can be started by software (bit SWDT in SFR IEN1), but it cannot
be stopped during active mode of the device. If the software fails to clear the Watchdog
Timer an internal reset will be initiated. The cause of the reset (either an external reset
or a reset caused by the watchdog) can be examined by software (status flag WDTS in
IP0 is set). A refresh of the Watchdog Timer is done by setting bits WDT (SFR IEN0) and
SWDT consecutively. This double instruction sequence has been implemented to
increase system security. It must be noted, however, that the Watchdog Timer is halted
during the idle mode and power-down mode of the processor.
Oscillator Watchdog Unit
The Oscillator Watchdog unit serves for three functions:
• Monitoring of the on-chip oscillator’s function
The watchdog supervises the on-chip oscillator’s frequency; if it is lower than the
frequency of the auxiliary RC oscillator in the watchdog unit, the internal clock is
supplied by the RC oscillator and the device is brought into reset. If the failure
condition disappears (i.e. the on-chip oscillator has a higher frequency than the RC
oscillator), the part executes a final reset phase of typically 1 ms in order to allow the
oscillator to stabilize; then, the Oscillator Watchdog reset is released and the part
starts program execution again.
• Fast internal reset after power-on
The Oscillator Watchdog unit provides a clock supply for the reset before the on-chip
oscillator and the PLL have started.
• Control of external wake-up from software power-down mode
When the software power-down mode is terminated by a low level at pins P3.2/INT0
or P5.7/INT7, the Oscillator Watchdog unit ensures that the microcontroller resumes
operation (execution of the power-down wake-up interrupt) with the nominal clock
rate. In the power-down mode the RC oscillator, the on-chip oscillator and the PLL are
stopped. They are started again when power-down mode is terminated. After the on-
chip oscillator is stable and the PLL has been locked, the microcontroller starts
program execution.
Note: The Oscillator Watchdog unit is always enabled.
Table 11
Watchdog Timer Time-Out Periods
WDTREL
Time-Out Period
Comments
fOSC = 5 MHz
fOSC = 8 MHz
fOSC = 10 MHz
00H
39.322 ms
24.576 ms
19.668 ms
This is the default value
80H
629.146 ms
393.2 ms
314.573 ms
Maximum time period
7FH
307.2
µs
192
µs153.6 µs
Minimum time period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com